Electronic Components Datasheet Search
  English  ▼

X  

PRDS5 Datasheet(PDF) 1 Page - ASM GmbH

Part # PRDS5
Description  Magnetic Angle Sensor with Incremental Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS5 Datasheet(HTML) 1 Page - ASM GmbH

  PRDS5 Datasheet HTML 1Page - ASM GmbH PRDS5 Datasheet HTML 2Page - ASM GmbH PRDS5 Datasheet HTML 3Page - ASM GmbH PRDS5 Datasheet HTML 4Page - ASM GmbH PRDS5 Datasheet HTML 5Page - ASM GmbH PRDS5 Datasheet HTML 6Page - ASM GmbH PRDS5 Datasheet HTML 7Page - ASM GmbH PRDS5 Datasheet HTML 8Page - ASM GmbH PRDS5 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRDS5
KAB-2M-M12/8F/G-LITZE
PRMAG ...
ASM
CAT-PR/PT-E-12
35
www.asm-sensor.com
POSIROT®
PRDS5
Magnetic Angle Sensor with Incremental Output
Magneticanglesensor0-360°inaflat
housing with 66 mm resp. 68.2 mm dia.
●Measurementrange0-360°
●ProtectionclassIP67/IP69K,optionalIP68*
●Incrementalencoderoutput
●With10mmshaftornon-contact
●Magneticmeasurementprinciple
●Seawaterproof
●Suitableforuseonocean-goingvessels
* Depth and duration of immersion must be specified!
Specifications
Output
Incremental encoder outputs A, A, B, B, Z, Z,
RS422 compatible, filtered output
Measurement range
0 ... 360°
Resolution
256 or 1024 pulses per revolution
Linearity
±1°
Rated distance sensor / magnet
Depending on the position magnet
Protection class
IP67/IP69K (connector output with IP69K connector cable);
IP68 - on request
Material
Stainless steel
Mounting
Screws M8
Shock
EN60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Life cycle of bearings (shaft version)
100 x 106 revolutions (<1500 r.p.m.)
Revolutions per minute (shaft version)
Max. 10,000 r.p.m.
Allowable shaft load
120 N radial, 120 N axial
Order Code PRDS5
Model name
Mechanical connection
V
= Shaft 10 mm
K
= Non-contact with external magnet
Resolution(pulses/revolution)
256 / 1024
(other resolutions available on request)
Output (see page 47/48)
RS5VF
= RS422 compatible, U
S= 5 V DC, filtered output
RS24VF
= RS422 compatible, U
S= 10 ... 36 V DC, filtered output
HT24VF
= HTL compatible, U
S= 18 ... 36 V DC, filtered output
Connection
M12A8/M12R8
= 8-pin socket M12 axial/radial
Housing material
VA
= Stainless steel
Ordercodeconnectorcable (see accessories page 90)
Order code position magnet (see accessories page 53/54)
Order example: PRDS5 - V - 1024 - RS24VF - M12A8 - VA


Similar Part No. - PRDS5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRDS1 ASM-SENSOR-PRDS1 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRDS2 ASM-SENSOR-PRDS2 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRDS3 ASM-SENSOR-PRDS3 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
More results

Similar Description - PRDS5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KMT32B ETC2-KMT32B Datasheet
315Kb / 7P
MAGNETIC ANGLE SENSOR
logo
ASM GmbH
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
Magnetic inclination sensor with analog output
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
Digital Output Magnetic Sensor
logo
ASM GmbH
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com