Electronic Components Datasheet Search
  English  ▼

X  

PRDS5 Datasheet(PDF) 10 Page - ASM GmbH

Part # PRDS5
Description  Magnetic Angle Sensor with Incremental Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS5 Datasheet(HTML) 10 Page - ASM GmbH

Back Button PRDS5 Datasheet HTML 2Page - ASM GmbH PRDS5 Datasheet HTML 3Page - ASM GmbH PRDS5 Datasheet HTML 4Page - ASM GmbH PRDS5 Datasheet HTML 5Page - ASM GmbH PRDS5 Datasheet HTML 6Page - ASM GmbH PRDS5 Datasheet HTML 7Page - ASM GmbH PRDS5 Datasheet HTML 8Page - ASM GmbH PRDS5 Datasheet HTML 9Page - ASM GmbH PRDS5 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
KAB-XM-M12/4F/W/69K-LITZE
KAB-XM-M12/4F/G/69K-LITZE
KAB-XM-M12/4F/W-LITZE
IP69K:
KAB - XM - M12/4F/G - LITZE
IP69K:
KAB-XM-M12/8F/W/69K-LITZE
KAB-XM-M12/8F/G/69K-LITZE
KAB-XM-M12/8F/W-LITZE
IP69K:
KAB - XM - M12/8F/G - LITZE
IP69K:
90
CAT-PR/PT-E-12
ASM
www.asm-sensor.com
Signal wiring
M12,4pin
Connectorpin/cablecolor
1
2
3
4
Brown
White
Blue
Black
Connectorcablefor
POSIROT®-
POSITILT® sensors
4 pins M12
Suitable for 5-pin
sensor connectors
M12A5 and M12R5
The 4-core screened cable is supplied with a
mating 4-pin 90° M12 connector at one end
and 4 wires at the other end. Available lengths
are 2, 5 and 10 m.
Order code:
Length in m
Connectorcablefor
POSIROT®-
POSITILT® sensors
4 pins M12
Suitable for 5-pin
sensor connectors
M12A5 and M12R5
The 4-core screened cable is supplied with a
mating 4-pin M12 connector at one end and 4
wires at the other end. Available lengths are 2,
5 and 10 m.
Order code:
Length in m
Connectorcablefor
POSIROT®-
POSITILT® sensors
8 pins M12
The 8-core screened cable is supplied with a
mating 8-pin 90° M12 connector at one end
and 8 wires at the other end. Available lengths
are 2, 5 and 10 m.
Order code:
Length in m
Signal wiring
M12,8pin
Connectorpin/cablecolor
1
2
3
4
5
6
7
8
White
Brown
Green
Yellow
Grey
Pink
Blue
Red
Connectorcablefor
POSIROT®-
POSITILT® sensors
8 pins M12
The 8-core screened cable is supplied with a
mating 8-pin M12 connector at one end and 8
wires at the other end. Available lengths are 2,
5 and 10 m.
Order code:
Length in m
POSIROT® / POSITILT®
Accessories
ConnectorCables



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com