Electronic Components Datasheet Search
  English  ▼

X  

SC286 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC286
Description  Dual Channel 4A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC286 Datasheet HTML 2Page - Semtech Corporation SC286 Datasheet HTML 3Page - Semtech Corporation SC286 Datasheet HTML 4Page - Semtech Corporation SC286 Datasheet HTML 5Page - Semtech Corporation SC286 Datasheet HTML 6Page - Semtech Corporation SC286 Datasheet HTML 7Page - Semtech Corporation SC286 Datasheet HTML 8Page - Semtech Corporation SC286 Datasheet HTML 9Page - Semtech Corporation SC286 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SC286
Block Diagram
NOTES:
A = Pins 1,2
C = Pins 15, 16
B = Pins 27, 28
D = Pins 13, 14
Control
Logic
Plimit Amp
Current Amp
Voltage
Select
Oscillator and
Slope Generator
CTL1A
6
CTL2A
7
CTL3A 8
PWM
Comp
Error Amp
500mV
Ref
PGOOD Detector
Delay
9
PGOODA
10
SSA
AVINA
4
VOUTA 11
CTL0A 5
AGNDA 3
PGNDA
26
LXA
B
PVINA
A
c
Control
Logic
Plimit Amp
Current Amp
Voltage
Select
Oscillator and
Slope Generator
CTL1B 20
CTL2B 21
CTL3B 22
PWM
Comp
Error Amp
500mV
Ref
PGOOD Detector
Delay
23 PGOODB
24
SSB
AVINB 18
VOUTB 25
CTL0B 19
AGNDB 17
PGNDB
12
LXB
D
PVINB
C
c
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com