Electronic Components Datasheet Search
  English  ▼

X  

SC286 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC286
Description  Dual Channel 4A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286 Datasheet(HTML) 1 Page - Semtech Corporation

  SC286 Datasheet HTML 1Page - Semtech Corporation SC286 Datasheet HTML 2Page - Semtech Corporation SC286 Datasheet HTML 3Page - Semtech Corporation SC286 Datasheet HTML 4Page - Semtech Corporation SC286 Datasheet HTML 5Page - Semtech Corporation SC286 Datasheet HTML 6Page - Semtech Corporation SC286 Datasheet HTML 7Page - Semtech Corporation SC286 Datasheet HTML 8Page - Semtech Corporation SC286 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT
Dual Channel 4A Synchronous
Step-Down Regulator
SC286
Features
Input Voltage Range — 2.9 to 5.5V
Output Voltage Range — 0.8V to 3.3V
Output Current — up to 4A for each channel
Ultra-Small Footprint — <1mm Height Solution
Switching Frequency — 1.6MHz
Automatic Power Save Mode
Efficiency Up to 95%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
Duty-Cycle Low Dropout Operation — 100%
Shutdown Current — <1µA
Externally Programmable Soft Start Time
Power Good indicator
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
Thermally Enhanced 4 x 4 x 0.6 (mm)
MLPQ-UT28 package
Lead-free, Halogen free, and RoHS/WEEE compliant
Applications
Routers and Network Cards
LCD TV
Office Automation
Printers
Description
The SC286 is a dual channel 4A synchronous step-down
regulator designed to operate with an input voltage
range of 2.9V to 5.5V. Each channel offers fifteen pre-
determined output voltages via separate control pins
programmable from 0.8 to 3.3 Volts. The control pins
allow for on-the-fly voltage changes, enabling system
designers to implement dynamic power savings. The
device is also capable of adjusting output voltage via an
external resistor divider.
The SC286 is optimized for maximum efficiency over a
wide range of load currents. During full load operation,
the device operates in PWM mode with fixed 1.6MHz
oscillator frequency, allowing the use of small surface
mount external components. As the load decreases, the
regulator will transition into Power Save mode maintain-
ing high efficiency.
Connecting the control pins to logic low forces the device
into shutdown mode reducing the supply current to less
than 1μA. Connecting any of the control pins to logic high
enables the converter and sets the output voltage accord-
ing to Table 1. Other features include under-voltage
lockout, programmable soft-start to limit in-rush current,
power good indicator, over-temperature protection, and
output short circuit protection.
The SC286 is available in a thermally-enhanced, 4 x 4 x 0.6
(mm) MLPQ-UT28 package and has a rated temperature
range of -40 to +85°C.
Typical Application Circuit
SC286
CTL0A
CTL1A
CTL2A
CTL3A
CTL0A
CTL1A
CTL2A
CTL3A
CTL0B
CTL1B
CTL2B
CTL3B
CTL0B
CTL1B
CTL2B
CTL3B
AVINA
VINA
CAVINA0.1µF
RAVINA1Ω
PVINA
AVINB
VINB
CAVINB0.1µF
RAVINB1Ω
PVINB
PGNDB
AGNDB
PGNDA
AGNDA
PGOODB
PGOODA
CINA
22µF
CINB
22µF
RPGOODA
100kΩ
RPGOODB
100kΩ
COUTA
47µF
LXA
VOUTA
VOUTA
LA 1.0µH
LB 1.0µH
COUTB
47µF
LXB
VOUTB
VOUTB
SSA
SSB
CSSA
1nF
CSSB
1nF
Revision 2.0
1
© 2011 Semtech Corporation


Similar Part No. - SC286

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC28-1 ETC2-SC28-1 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-2 ETC2-SC28-2 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-3 ETC2-SC28-3 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-4 ETC2-SC28-4 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-4SCATV ETC2-SC28-4SCATV Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
More results

Similar Description - SC286

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Analog Devices
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
4A Step-Down Regulator
June 2015 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com