Electronic Components Datasheet Search
  English  ▼

X  

SC286 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC286
Description  Dual Channel 4A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC286 Datasheet HTML 3Page - Semtech Corporation SC286 Datasheet HTML 4Page - Semtech Corporation SC286 Datasheet HTML 5Page - Semtech Corporation SC286 Datasheet HTML 6Page - Semtech Corporation SC286 Datasheet HTML 7Page - Semtech Corporation SC286 Datasheet HTML 8Page - Semtech Corporation SC286 Datasheet HTML 9Page - Semtech Corporation SC286 Datasheet HTML 10Page - Semtech Corporation SC286 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SC286
Typical Characteristics
Efficiency
Circuit Conditions: C
IN = 22µF/6.3V, COUT = 2 x 22µF/6.3V, CSS = 10nF. Unless otherwise noted, L = 1.0µH (TOKO: FDV0530S-1R0), each device
Output current (A)
60
65
70
75
80
85
90
95
100
0
0.1
1.0
10.0
VIN = 5V; VOUT = 3.3V
VIN = 5V; VOUT = 1.5V
VIN = 3V; VOUT = 1.5V
Total Loss
Load Regulation
R
DS(ON) Variation vs. Input Voltage
R
DS(ON) Variation vs. Temperature
-10
-5
0
5
10
15
20
25
30
35
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
ILX = ±100mA, TA = 25°C
N-Channel
P-Channel
-20
-15
-10
-5
0
5
10
15
20
-40
-15
10
35
60
85
N-Channel
P-Channel
ILX = ±100mA, TA = 25°C
Ambient Temperature (°C)
0
400
800
1200
1600
2000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output current (A)
4.0
VIN = 5V; VOUT = 3.3V
VIN = 3.3V; VOUT = 1.5V
VIN = 5V; VOUT = 1.5V
T
A = 25 °C
-0.5
0
0.5
1.0
1.5
2.0
Output current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VIN = 5V; VOUT = 1.5V
VIN = 3.3V; VOUT = 1.5V
VIN = 5V; VOUT = 3.3V
T
A = 25 °C
T
A = 25 °C
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com