Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 5 Page - Semtech Corporation

  SC21152 Datasheet HTML 1Page - Semtech Corporation SC21152 Datasheet HTML 2Page - Semtech Corporation SC21152 Datasheet HTML 3Page - Semtech Corporation SC21152 Datasheet HTML 4Page - Semtech Corporation SC21152 Datasheet HTML 5Page - Semtech Corporation SC21152 Datasheet HTML 6Page - Semtech Corporation SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC21152
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Good Output(1)
PG Low Voltage
VLOpg
IPG = 5mA
0.4
V
PG Open Leakage Current
IOHpg
VPG = VIN
1
μA
Power Good Threshold
PGth
FB rising edge, percentage of FB final value
95
%
Power Good Threshold Hysteresis
PGthhy
percentage of FB final value
(rising to falling edge)
3
%
Power Good Assert Time
PGtdr
from FB = Power Good Threshold
to PG open drain
75
μs
Power Good Deassert Time
PGtdf
from falling edge of FB
to PG pulled to GND
13
μs
Notes:
(1) The SC21152 can be configured with a range of options as shown. Contact Semtech Marketing for more information.
VOUT options: adjustable or fixed output voltage.
For fixed VOUT, the voltage can be specified from 0.8V to 3.6V in 50mV increments.
Soft Start options: Fixed 100μs with options of 200μs, 400μs, and 800μs.
Frequency options: Operating frequency is 4MHz with options of 2.2MHz, 3MHz, or 6MHz.
Output Discharge options: VOUT Automatic Discharge or No Discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com