Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC21152 Datasheet HTML 5Page - Semtech Corporation SC21152 Datasheet HTML 6Page - Semtech Corporation SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation SC21152 Datasheet HTML 10Page - Semtech Corporation SC21152 Datasheet HTML 11Page - Semtech Corporation SC21152 Datasheet HTML 12Page - Semtech Corporation SC21152 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SC21152
9
Typical Characteristics (continued)
Load Transient - Power Save PFM to PWM
Time (100μs/div)
VIN = 5V, VOUT = 1.0V, Load 0A to 1.2A to 0A
VOUT (50mV/div)
LX (5V/div)
Load Transient - Power Save PFM to PWM
Time (100µs/div)
VIN = 5V, VOUT = 3.3V, Load 0A to 1.2A to 0A
VOUT (0.1V/div)
LX (5V/div)
Load Transient - PWM to PWM
Time (100μs/div)
VIN = 5V, VOUT = 1.0V, Load 0.5A to 1.2A to 0.5A
VOUT (50mV/div)
LX (5V/div)
Load Transient - PWM to PWM
Time (100µs/div)
LOAD (1A/div)
LX (5V/div)
VIN = 5V, VOUT = 3.3V, Load 0.5A to 1.2A to 0.5A
PWM Minimum Off Operation
Time (2µs/div)
VOUT (50mV/div)
LX (5V/div)
VIN = 3.6V, VOUT = 3.3V, 500mA Load
Overcurrent Shutdown and Recovery
Time (2ms/div)
VOUT (1V/div)
LX (5V/div)
VIN = 5V, VOUT = 1.0V, Load 0A to 2.0A to 0A
LOAD (1A/div)
VOUT (0.1V/div)
LOAD (1A/div)
LOAD (1A/div)
LOAD (1A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com