Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC21152 Datasheet HTML 2Page - Semtech Corporation SC21152 Datasheet HTML 3Page - Semtech Corporation SC21152 Datasheet HTML 4Page - Semtech Corporation SC21152 Datasheet HTML 5Page - Semtech Corporation SC21152 Datasheet HTML 6Page - Semtech Corporation SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation SC21152 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SC21152
6
Typical Characteristics
Efficiency vs. Load - 5VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
0.8V
1.0V
1.2V
1.5V
1.8V
2.2V
2.5V
3.3V
Efficiency vs. Load - 4.2VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
0.8V
1.0V
1.2V
1.5V
1.8V
2.2V
2.5V
3.3V
Efficiency vs. Load - 3.3VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
0.8V
1.0V
1.2V
1.5V
1.8V
2.2V
2.5V
Efficiency vs. Load - 2.3VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
0.8V
1.0V
1.2V
1.5V
Efficiency vs. Load - VOUT 1.0V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
2.3VIN
3.3VIN
4.2VIN
5.0VIN
VIN = 5.0V, VOUT as shown, Load = 0 to 1.2A
VIN = 4.2V, VOUT as shown, Load = 0 to 1.2A
VIN = 3.3V, VOUT as shown, Load = 0 to 1.2A
VIN = 2.3V, VOUT as shown, Load = 0 to 1.2A
Efficiency vs. Load - VOUT 1.8V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
2.3VIN
3.3VIN
4.2VIN
5.0VIN
VIN as shown, VOUT = 1.0V, Load = 0 to 1.2A
VIN as shown, VOUT = 1.8V, Load = 0 to 1.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com