Electronic Components Datasheet Search
  English  ▼

X  

SC21152 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC21152 Datasheet HTML 6Page - Semtech Corporation SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation SC21152 Datasheet HTML 10Page - Semtech Corporation SC21152 Datasheet HTML 11Page - Semtech Corporation SC21152 Datasheet HTML 12Page - Semtech Corporation SC21152 Datasheet HTML 13Page - Semtech Corporation SC21152 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SC21152
10
Detailed Application Circuits
Adjustable Output Voltage
2.3V-5.5V Supply
SC21152
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
PG
Power
Good
Fixed Output Voltage
2.3V-5.5V Supply
SC21152
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
PG
Power
Good
Rbot
Rtop
Ctop
VOUT
L
CIN
COUT
Rtop
Ctop
Rbot
0.8V
0.47uH
Current rating
1.2A minimum
Murata
LQM21PNR47MGH
2x1mm, 40mΩ
Wurth
74479876147
2x1mm, 40mΩ
4.7uF
0402
X5R
10uF
0402
X5R
zero
n/a
n/a
1.0V
24.9kΩ
22pF
100kΩ
1.2V
49.9kΩ
100kΩ
1.5V
88.7kΩ
100kΩ
1.8V
124kΩ
100kΩ
2.2V
24.9kΩ
100kΩ
2.5V
174Ω
100kΩ
2.8V
249kΩ
100kΩ
3.3V
316kΩ
100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com