Electronic Components Datasheet Search
  English  ▼

X  

LM2402 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2402
Description  Monolithic Triple 3 nS CRT Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2402 Datasheet(HTML) 2 Page - Texas Instruments

  LM2402 Datasheet HTML 1Page - Texas Instruments LM2402 Datasheet HTML 2Page - Texas Instruments LM2402 Datasheet HTML 3Page - Texas Instruments LM2402 Datasheet HTML 4Page - Texas Instruments LM2402 Datasheet HTML 5Page - Texas Instruments LM2402 Datasheet HTML 6Page - Texas Instruments LM2402 Datasheet HTML 7Page - Texas Instruments LM2402 Datasheet HTML 8Page - Texas Instruments LM2402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
OBSOLETE
LM2402
SNOS445B – AUGUST 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage, VCC
+90V
Bias Voltage, VBB
+16V
Input Voltage, VIN
−0.5V to VBIAS + 0.5V
Storage Temperature Range, TSTG
−65°C to +150°C
Lead Temperature (Soldering, <10 sec.)
300°C
Human Body Model
2 kV
ESD Tolerance
Machine Model
250V
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The table of ELECTRICAL CHARACTERISTICS specifies conditions of device operation.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
(1)
VCC
+60V to +85V
VBB
+8V to +15V
VIN
+1V to +5V
VOUT (VCC = 80V, VBB = 12V)
+17V to +72V
Case Temperature (Do not operate the part without a heat sink)
−20°C to +100°C
(1)
Operating ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the ELECTRICAL CHARACTERISTICS. The ensured specifications apply only for the test
conditions listed. Some performance characteristics may change when the device is not operated under the listed test conditions.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com