Electronic Components Datasheet Search
  English  ▼

X  

LM2402 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2402
Description  Monolithic Triple 3 nS CRT Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2402 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2402 Datasheet HTML 2Page - Texas Instruments LM2402 Datasheet HTML 3Page - Texas Instruments LM2402 Datasheet HTML 4Page - Texas Instruments LM2402 Datasheet HTML 5Page - Texas Instruments LM2402 Datasheet HTML 6Page - Texas Instruments LM2402 Datasheet HTML 7Page - Texas Instruments LM2402 Datasheet HTML 8Page - Texas Instruments LM2402 Datasheet HTML 9Page - Texas Instruments LM2402 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
OBSOLETE
LM2402
SNOS445B – AUGUST 1999 – REVISED APRIL 2013
www.ti.com
over current that is seen by the diodes while R1 limits the current into the LM2402 as well as the voltage stress
at the outputs of the device. R2 should be a ½W solid carbon type resistor. R1 can be a ¼W metal or carbon film
type resistor. Inductor L1 is critical to reduce the initial high frequency voltage levels that the LM2402 would be
subjected to during an arc-over. Having large value resistors for R1 and R2 would be desirable, but this has the
effect of increasing rise and fall times. The inductor will not only help protect the device but it will also help
optimize rise and fall times as well as minimize EMI. For proper arc protection, it is important to not omit any of
the arc protection components shown in Figure 10. The values of L1 and R1 may need to be adjusted for a
particular application. The recommended minimum value for R1 is 43
Ω, with L1 = .049 µH.
Figure 10. One Channel of the LM2402 with the Recommended Arc Protection Circuit
Optimizing Transient Response
Referring to Figure 10, there are three components (R1, R2 and L1) that can be adjusted to optimize the
transient response of the application circuit. Increasing the values of R1 and R2 will slow the circuit down while
decreasing overshoot. Increasing the value of L1 will speed up the circuit as well as increase overshoot. It is very
important to use inductors with very high self-resonant frequencies, preferably above 300 MHz. Air core inductors
from J.W. Miller Magnetics (part #75F518MPC) were used for optimizing the performance of the device in the TI
application board. The values shown in Figure 10 can be used as a good starting point for the evaluation of the
LM2402.
Effect of Load Capacitance
The output rise and fall times as well as overshoot will vary as the load capacitance varies. The values of the
output circuit (R1, R2 and L1 in Figure 10) should be chosen based on the nominal load capacitance. Once this
is done the performance of the design can be checked by varying the load based on what the expected variation
will be during production.
Effect of Offset
Figure 8 shows the variation in rise and fall times when the output offset of the device is varied from 40 to 50
VDC. The rise and fall times show about the same overall variation. The slightly faster fall time is fastest near the
center point of 45V, making this the optimum operating point since there is little increase in the rise time.
Thermal Considerations
Figure 5 shows the performance of the LM2402 in the test circuit shown in Figure 3 as a function of case
temperature. Figure 5 shows that both the rise and fall times of the LM2402 become slightly slower as the case
temperature increases from 40°C to 125°C. In addition to exceeding the safe operating temperature, the rise and
fall times will typically exceed 3 nsec. Please note that the LM2402 is never to be operated over a case
temperature of 100°C.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com