Electronic Components Datasheet Search
  English  ▼

X  

LM2402 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2402
Description  Monolithic Triple 3 nS CRT Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2402 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2402 Datasheet HTML 3Page - Texas Instruments LM2402 Datasheet HTML 4Page - Texas Instruments LM2402 Datasheet HTML 5Page - Texas Instruments LM2402 Datasheet HTML 6Page - Texas Instruments LM2402 Datasheet HTML 7Page - Texas Instruments LM2402 Datasheet HTML 8Page - Texas Instruments LM2402 Datasheet HTML 9Page - Texas Instruments LM2402 Datasheet HTML 10Page - Texas Instruments LM2402 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
OBSOLETE
LM2402
www.ti.com
SNOS445B – AUGUST 1999 – REVISED APRIL 2013
Figure 7 shows the total power dissipation of the LM2402 vs. Frequency when all three channels of the device
are driving both an 8 pF load and a 20 pF load. This graph gives the designer the information needed to
determine the heat sink requirement for his application. The designer should note that if the load capacitance is
increased the AC component of the total power dissipation will also increase as shown in Figure 7. The designer
should also remember that the actual video signal has a period of around 70% to 75%. The remainder of the
time the video signal is inactive, or at the black level (below the black level if blanked). During this time the
LM2402 will be at the black level, or below, dissipating under 4W. Referring to Figure 15 and using an input
black level voltage of 1.9V, the power dissipation during the inactive video time is 3.8W, including both the 80V
and 12V supplies.
The LM2402 case temperature must be maintained below 100°C. Assume the worst case operating condition is
a 100 MHz square wave during active video (a pixel clock of 200 MHz with one pixel on, one pixel off). From
Figure 7 one can see that the power dissipation of the LM2402 is 28W if the 100 MHz square wave is applied all
the time. One must also compensate for the inactive period of video. From Figure 15 it has been calculated that
the power dissipation during the inactive video is 4W. Therefore there is an additional 24W of power dissipation
due to the AC signal. Assume that the AC signal is active 72% of the time. Now the AC power dissipation is:
24W × 0.72 = 17W
(1)
The total power dissipation for 72% active video time is:
17W + 4W = 21W
(2)
If the maximum expected ambient temperature is 50°C and using the maximum power dissipation of 21W (video
being active only 72% of the frame), then a maximum heat sink thermal resistance can be calculated:
(3)
This example assumes a capacitive load of 8 pF and no resistive load.
Typical Application
A typical application of the LM2402 is shown in Figure 11. Used in conjunction with three LM2202s, a complete
video channel from monitor input to CRT cathode can be achieved. Performance is excellent for resolutions up to
1600 × 1200 and pixel clock frequencies at 200 MHz. Figure 11 is the schematic for the TI demonstration board
that can be used to evaluate the LM2202/2402 combination in a monitor.
PC Board Layout Considerations
For optimum performance, an adequate ground plane, isolation between channels, good supply bypassing and
minimizing unwanted feedback are necessary. Also, the length of the signal traces from the preamplifier to the
LM2402 and from the LM2402 to the CRT cathode should be as short as possible. The red video trace from the
buffer transistor to the LM2402 input is about the absolute maximum length one should consider on a PCB
layout. If possible the traces should actually be shorter than the red video trace. The following references are
recommended for video board designers:
Ott, Henry W., “Noise Reduction Techniques in Electronic Systems”, John Wiley & Sons, New York, 1976.
“Guide to CRT Video Design”, Texas Instruments Application Note 861 (SNOA268).
“Video Amplifier Design for Computer Monitors”, Texas Instruments Application Note 1013 (SNVA031).
Pease, Robert A., “Troubleshooting Analog Circuits”, Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may oscillate in a monitor if feedback occurs around the
video channel through the chassis wiring. To prevent this, leads to the video amplifier input circuit should be
shielded, and input circuit wiring should be spaced as far as possible from output circuit wiring.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com