Electronic Components Datasheet Search
  English  ▼

X  

LM2402 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2402
Description  Monolithic Triple 3 nS CRT Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2402 Datasheet(HTML) 1 Page - Texas Instruments

  LM2402 Datasheet HTML 1Page - Texas Instruments LM2402 Datasheet HTML 2Page - Texas Instruments LM2402 Datasheet HTML 3Page - Texas Instruments LM2402 Datasheet HTML 4Page - Texas Instruments LM2402 Datasheet HTML 5Page - Texas Instruments LM2402 Datasheet HTML 6Page - Texas Instruments LM2402 Datasheet HTML 7Page - Texas Instruments LM2402 Datasheet HTML 8Page - Texas Instruments LM2402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
OBSOLETE
LM2402
www.ti.com
SNOS445B – AUGUST 1999 – REVISED APRIL 2013
LM2402 Monolithic Triple 3 nS CRT Driver
Check for Samples: LM2402
1
FEATURES
DESCRIPTION
The LM2402 is an integrated high voltage CRT driver
2
•
Rise/Fall Times Typically 3.0/2.8 ns with 8 pF
circuit designed for use in high resolution color
Load at 40 VPP
monitor applications. The IC contains three high input
•
Well Matched with LM2202 Video Preamps
impedance, wide band amplifiers which directly drive
•
Output Swing Capability: 50 VPP for VCC = 80V
the RGB cathodes of a CRT. Each channel has its
gain internally set to
−14 and can drive CRT
•
1V to 5V Input Range
capacitive loads as well as resistive loads presented
•
Stable with 0-20 pF Capacitive Loads and
by other applications, limited only by the package's
Inductive Peaking Networks
power dissipation.
•
Convenient TO-220 Staggered Lead Package
The IC is packaged in an industry standard 11 lead
Style
TO-220 molded plastic power package. See Thermal
•
Standard LM240X Family Pinout, which is
Considerations.
Designed for Easy PCB Layout
APPLICATIONS
•
CRT Driver for Color Monitors with Display
Resolutions up to 1600 × 1200
•
Pixel Clock Frequency up to 200 MHz
Schematic and Connection Diagrams
Figure 1. Simplified Schematic Diagram
Figure 2. Top View
(One Channel)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
logo
Sharp Corporation
LM24022 SHARP-LM24022 Datasheet
18Kb / 1P
Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
logo
National Semiconductor ...
LM2402T NSC-LM2402T Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
More results

Similar Description - LM2402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
Monolithic Triple 4.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2462 NSC-LM2462 Datasheet
1Mb / 11P
Monolithic Triple 3 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com