Electronic Components Datasheet Search
  English  ▼

X  

1214421 Datasheet(PDF) 2 Page - SICK AG

Part # 1214421
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1214421 Datasheet(HTML) 2 Page - SICK AG

  1214421 Datasheet HTML 1Page - SICK AG 1214421 Datasheet HTML 2Page - SICK AG 1214421 Datasheet HTML 3Page - SICK AG 1214421 Datasheet HTML 4Page - SICK AG 1214421 Datasheet HTML 5Page - SICK AG 1214421 Datasheet HTML 6Page - SICK AG 1214421 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG10S-0890A10501 | MLG-2 Prime
MEASURING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-21 14:25:24
Subject to change without notice
Ordering information
Type
Part no.
MLG10S-0890A10501
1214421
Other models and accessories
www.sick.de/MLG-2_Prime
Detailed technical data
Features
Version
Prime
Technology
Sender/receiver
Minimum detectable object (MDO)
14 mm 1) 2)
Beam separation
10 mm
Number of beams
≥ 90
Detection height
890 mm
Software features
Qa1: height measurement (first beam)/FBB
Qa2: height measurement (last beam)/LBB
Q1: presence detection
Inverted: -
Teach: Standard teach
1) MDO min. detectable object.
2) Depending on beam separation without cross beam setting.
Performance
Maximum range
7 m 1)
Minimum range
≥ 0 mm
Working range
5 m
Response time
≥ 11.2 ms 2) 3)
1) No reserve for environmental issue and deterioration of the diode.
2) Without high speed.
3) With resistive load.
Interfaces
Connection type
Male connector M12, 5-pin
IO-Link
✔



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com