Electronic Components Datasheet Search
  English  ▼

X  

1214421 Datasheet(PDF) 3 Page - SICK AG

Part # 1214421
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1214421 Datasheet(HTML) 3 Page - SICK AG

  1214421 Datasheet HTML 1Page - SICK AG 1214421 Datasheet HTML 2Page - SICK AG 1214421 Datasheet HTML 3Page - SICK AG 1214421 Datasheet HTML 4Page - SICK AG 1214421 Datasheet HTML 5Page - SICK AG 1214421 Datasheet HTML 6Page - SICK AG 1214421 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MLG10S-0890A10501 | MLG-2 Prime
MEASURING AUTOMATION LIGHT GRIDS
2016-01-21 14:25:24 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3
Data interface
2 x analog + 1 x Q (IO-Link)
Fieldbus, industrial network
IO-Link
Type of fieldbus integration
Integrated in the device
Mechanics/electronics
Wave length
850 nm
Supply voltage Vs
DC 18 V ... 30 V 1)
Power consumption sender
≥ 59.5 mA 2)
Power consumption receiver
≥ 138 mA 2)
Ripple
< 5 Vpp
Output current Imax.
≤ 100 mA
Output load capacitive
100 nF
Output load inductive
1 H
Initialization time
< 1 s
Dimensions (W x H x D)
34 mm x 973.3 mm x 30.6 mm
Housing material
Aluminum
Indication
LED
Enclosure rating
IP 65, IP 67
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Weight
≥ 2.047 kg
Front screen
PMMA
Option
Nonexistent
1) Without load.
2) Without load with 24 V.
Ambient data
Protection class
III
EMC
EN 60947-5-2
Ambient temperature
Operation: –30 °C ... +55 °C
Storage: –40 °C ... +70 °C
Ambient light immunity
Direct: 12,000 lx
Indirect: 50,000 lx
Vibration resistance
Sinusoidal oscillation 10-150 Hz 5 g
Shock load
Continuous shocks 10 g, 16 ms, 1000 shocks
Single shocks 15 g, 11 ms 3 per axle



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com