Electronic Components Datasheet Search
  English  ▼

X  

1214421 Datasheet(PDF) 6 Page - SICK AG

Part # 1214421
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1214421 Datasheet(HTML) 6 Page - SICK AG

  1214421 Datasheet HTML 1Page - SICK AG 1214421 Datasheet HTML 2Page - SICK AG 1214421 Datasheet HTML 3Page - SICK AG 1214421 Datasheet HTML 4Page - SICK AG 1214421 Datasheet HTML 5Page - SICK AG 1214421 Datasheet HTML 6Page - SICK AG 1214421 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG10S-0890A10501 | MLG-2 Prime
MEASURING AUTOMATION LIGHT GRIDS
6
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-21 14:25:24
Subject to change without notice
Brief description
Type
Part no.
IO-Link version V1.1, Port class 2, PIN 2, 4, 5 galvanically connected, Supply voltage
18 V DC ... 32 V DC (limit values, operation in short-circuit protected network max. 8 A)
IOLP2ZZ-M3201
(SICK Memory Stick)
1064290
IO-Link V1.1 Class A port, USB2.0 port, optional external power supply 24V / 1A
IOLA2US-01101
(SiLink2 Master)
1061790
EtherCAT IO-Link Master, IO-Link V1.1, power supply via 7/8'' cable 24 V / 8 A, fieldbus
connection via M12 cable
IOLG2EC-03208R01
(IO-Link Master)
6053254
EtherNet/IP IO-Link Master, IO-Link V1.1, power supply via 7/8'' cable 24 V / 8 A, field-
bus connection via M12-cable
IOLG2EI-03208R01
(IO-Link Master)
6053255
PROFINET IO-Link Master, IO-Link V1.1, Class A port, power supply via 7/8'' cable 24 V /
8 A, fieldbus connection via M12 cable
IOLG2PN-03208R01
(IO-Link Master)
6053253
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com