Electronic Components Datasheet Search
  English  ▼

X  

1214421 Datasheet(PDF) 4 Page - SICK AG

Part # 1214421
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1214421 Datasheet(HTML) 4 Page - SICK AG

  1214421 Datasheet HTML 1Page - SICK AG 1214421 Datasheet HTML 2Page - SICK AG 1214421 Datasheet HTML 3Page - SICK AG 1214421 Datasheet HTML 4Page - SICK AG 1214421 Datasheet HTML 5Page - SICK AG 1214421 Datasheet HTML 6Page - SICK AG 1214421 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG10S-0890A10501 | MLG-2 Prime
MEASURING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-21 14:25:24
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
Sender
Sender
15 (.59)
15 (.59)
34 (1.34)
34 (1.34)
Receiver
Receiver
30.6 (1.20)
30.6 (1.20)
3
3
A 1)
Beam separation 5 mm
63,3 (2.49)
Beam separation 10 mm
68,3 (2.69)
Beam separation 25 mm
83,3 (3.28)
Beam separation 50 mm
108,3 (4.26)
1) Distance: MLG edge - first beam
1
2
M12; 5pol
M12; 5pol
①  Detection height (see optical performance)
②  Beam separation (RM)
③  Status indicator: green, yellow, red LEDs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com