Electronic Components Datasheet Search
  English  ▼

X  

TLE6262G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6262G Datasheet HTML 2Page - Infineon Technologies AG TLE6262G Datasheet HTML 3Page - Infineon Technologies AG TLE6262G Datasheet HTML 4Page - Infineon Technologies AG TLE6262G Datasheet HTML 5Page - Infineon Technologies AG TLE6262G Datasheet HTML 6Page - Infineon Technologies AG TLE6262G Datasheet HTML 7Page - Infineon Technologies AG TLE6262G Datasheet HTML 8Page - Infineon Technologies AG TLE6262G Datasheet HTML 9Page - Infineon Technologies AG TLE6262G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Final Data TLE 6262 G
6
version: 2.03 date: 2002-03-20
1.5
Circuit Description
The TLE 6262 G is a monolithic IC, which incorporates a failure tolerant low speed CAN-
transceiver for differential mode data transmission, a low dropout voltage regulator for
internal and external 5V supply as well as a SPI interface to control and monitor the IC.
Further there are integrated three high side switches, two low side switches, a window
watchdog circuit and a reset circuit. Both, the window watchdog and reset function are
referring to a time base that is programmable via an external resistor.
Figure 2 shows a block schematic diagram of the TLE 6262 G
Table 1: mode truth table
1) at low VCC output current only active when watchdog undercurrent function is not activated
2) a bus wake-up is monitored by setting the RxD output low
3) only active when selected via SPI
4) also active when driven via the PWM input
5) automatically disabled when a reset occurs
6) automatically disabled when a reset or watchdog reset respectively, occurs or the watchdog is disabled
by the undercurrent function
Feature
normal mode
Receive-only
mode
VBAT stand-by
mode
VCC
ON
ON
ON
Reset
ON
ON
ON
Watchdog
ON1)
ON1)
ON1)
SPI
ON
ON
ON
CAN transmit
ON
OFF
OFF
CAN receive
ON
ON
OFF2)
OUTHS 13) 4) 5)
ON
ON
ON
OUTHS 23) 5)
ON
ON
ON
OUTHS 33) 5)
ON
ON
ON
OUTHS3-auto timing3) 5)
OFF
ON
ON
OUTLS 13) 6)
ON
ON
ON
OUTLS 23) 6)
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com