Electronic Components Datasheet Search
  English  ▼

X  

TLE6262G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6262G Datasheet HTML 1Page - Infineon Technologies AG TLE6262G Datasheet HTML 2Page - Infineon Technologies AG TLE6262G Datasheet HTML 3Page - Infineon Technologies AG TLE6262G Datasheet HTML 4Page - Infineon Technologies AG TLE6262G Datasheet HTML 5Page - Infineon Technologies AG TLE6262G Datasheet HTML 6Page - Infineon Technologies AG TLE6262G Datasheet HTML 7Page - Infineon Technologies AG TLE6262G Datasheet HTML 8Page - Infineon Technologies AG TLE6262G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
P-DSO-28-6
Enhanced Power
Fault Tolerant CAN - LDO
TLE 6262 G
1
version: 2.03 date: 2002-03-20
Final Data Sheet
Description
The TLE 6262 G is a monolithic integrated circuit in a P-DSO-28-6 package, which
incorporates a failure tolerant low speed CAN-transceiver for differential mode data
transmission, a low dropout voltage regulator for internal and external 5V supply as well
as a 16 bit SPI interface to control and monitor the IC. Further there are integrated three
high side switches, two low side switches, a window watchdog circuit and a reset circuit.
Both, the window watchdog and reset function are referring to a time base that is
programmable via an external resistor.
The IC is designed to withstand the severe conditions of automotive applications.
Type
Ordering Code
Package
TLE 6262 G
on request
P-DSO-28-6
1Overview
1.1
Features
• Standard fault tolerant differential CAN-transceiver
(TLE6254 LS CAN cell)
• Bus failure management
• Low power mode management
• CAN data transmission rate up to 125 kBaud
• Low-dropout voltage regulator 5V ± 2%
• Two Low Side Switches
• Three High Side Switches
• Power on and under-voltage reset generator
• Vcc supervisor
• Window watchdog
• Programable time base
• Integrated fail-safe mechanism
• Standard 16 bit SPI-Interface
• Wide input voltage and temperature range
• Enhanced power P-DSO-Package


Similar Part No. - TLE6262G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6263 INFINEON-TLE6263 Datasheet
811Kb / 40P
LS CAN, LDO and HS Switch
Version 2.08, 2004-06-07
TLE6263G INFINEON-TLE6263G Datasheet
811Kb / 40P
LS CAN, LDO and HS Switch
Version 2.08, 2004-06-07
TLE6266G INFINEON-TLE6266G Datasheet
1Mb / 50P
System Basis Chip
Version 1.06 2002-11-26
More results

Similar Description - TLE6262G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 15
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
Fault-tolerant CAN transceiver
1999 Feb 11
logo
Motorola, Inc
MC33388 MOTOROLA-MC33388 Datasheet
454Kb / 28P
Fault Tolerant CAN Interface
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com