Electronic Components Datasheet Search
  English  ▼

X  

TLE6262G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6262G Datasheet HTML 3Page - Infineon Technologies AG TLE6262G Datasheet HTML 4Page - Infineon Technologies AG TLE6262G Datasheet HTML 5Page - Infineon Technologies AG TLE6262G Datasheet HTML 6Page - Infineon Technologies AG TLE6262G Datasheet HTML 7Page - Infineon Technologies AG TLE6262G Datasheet HTML 8Page - Infineon Technologies AG TLE6262G Datasheet HTML 9Page - Infineon Technologies AG TLE6262G Datasheet HTML 10Page - Infineon Technologies AG TLE6262G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Final Data TLE 6262 G
7
version: 2.03 date: 2002-03-20
CAN Transceiver
The TLE 6262 is optimized for low speed data transmission up to 125 kbaud in
automotive applications. Normally a differential signal is transmitted or received
respectively. When a bus wiring failure (see table 4) is detected the device automatically
switches to a dedicated CANH or CANL single-wire mode to maintain the communication
if necessary. Therefore it is equipped with one differential receiver and four single ended
comparators (two for each bus line). To avoid false triggering by external RF influences
the single wire modes are activated after a certain delay time. As soon as the bus failure
disappears the transceiver switches back to differential mode after another time delay.
The bus failures are monitored via the diagnosis protocol of the SPI. Therefore it is
possible to distinguish 6 CAN bus failures or failure groups on the bits 8 to 13 (see table
3).
To reduce EMC caused by the transceiver the dynamic slopes of the CANL and CANH
signals are both limited and symmetric. This allows the use of an unshielded twisted or
parallel pair of wires for the bus. During single-wire transmission (bus-failure) the EMC
performance of the system is degraded from the differential mode.
The differential receiver threshold is set to typ. -2.8 V. This ensures correct reception in
the normal operation mode as well as in the failure cases 1, 2, 3a and 4 with a noise
margin as high as possible. When one of the bus failures 3, 5, 6, 6a, and 7 is detected,
the defective bus wire is disabled by switching off the affected bus termination and output
stage.
The CAN-transceiver offers three different operation modes that are controlled via the
SPI: the normal operation mode, Receive-only mode and Vbat stand-by mode. Please
see the state diagram (figure 3). In the Vbat stand-by mode the RTL output voltage is
switched to VS.
In case of a wake-up via the bus lines or one of the bus lines respectively, the TLE 6262
automatically sets the RxD output LOW. To send respectively receive messages the
CAN-transceiver can now be set in normal operation mode or receive-only mode by the
microcontroller.
When a reset occurs the transceiver circuit is automatically switched to Vbat-stand-by
mode because the SPI input bits are automatically set LOW for this event.
A thermal shutdown of the CAN-transceiver circuit is monitored via the SPI diagnosis
bit 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com