Electronic Components Datasheet Search
  English  ▼

X  

TLE6262G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE6262G Datasheet HTML 16Page - Infineon Technologies AG TLE6262G Datasheet HTML 17Page - Infineon Technologies AG TLE6262G Datasheet HTML 18Page - Infineon Technologies AG TLE6262G Datasheet HTML 19Page - Infineon Technologies AG TLE6262G Datasheet HTML 20Page - Infineon Technologies AG TLE6262G Datasheet HTML 21Page - Infineon Technologies AG TLE6262G Datasheet HTML 22Page - Infineon Technologies AG TLE6262G Datasheet HTML 23Page - Infineon Technologies AG TLE6262G Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Final Data TLE 6262 G
20
version: 2.03 date: 2002-03-20
Long open window (32 cyl.)
I
CCWDhys
12.2
16.2
20.4
ms
ROSC = 453kW
sleep mode (WD OFF)
to normal mode
Switches
Under-Voltage Lockout (bit 3 of SPI diagnosis word)
UV-Switch-ON voltage
V
UV ON
–
5.35
6.00
V
VS increasing
UV-Switch-OFF voltage
V
UV OFF
4.50
4.85
5.20
V
VS decreasing
UV-ON/OFF-Hysteresis
V
UV HY
–0.5
–V
VUV ON – VUV OFF
High Side Output OUTH1; (controlled by PWM or bit 1 of SPI input word)
Static Drain-Source
ON-Resistance;
I
OUTH1 = -0.25 A
R
DSON H1
–1.0
2.0
W
1.5
4.0
W
5.2 V
£ VS £ 9V
Active zener voltage
V
OUTH1
-5.0
-3.0
-0.5
V
IOUTH1 = – 0.25 A
Clamp diode forward voltage
V
OUTH1
0.8
1
V
IOUTH1 = 0.25 A
Leakage current
I
OLH1
-100
-5
–
µA
VOUTH1 = 0 V
Switch ON delay time
t
dONH1
10
100
ms
PWM to OUTH1;
RL = 100 W
Switch OFF delay time
t
dOFFH1
20
100
ms
PWM to OUTH1;
RL = 100 W
Overcurrent shutdown
threshold
I
SDH1
-1.0
-0.6
-0.3
A
–
Shutdown delay time
t
dSDH1
10
25
50
ms
Current limit
I
OCLH1
-2.0
-1.0
-0.5
A
2.3
Electrical Characteristics (cont’d)
9V <
VS <16V; ICC = -100
mA; normal mode; all outputs open; – 40 °C< Tj < 150 °C; CAN-
transceiver circuitry: – 40
°C< Tj < 125 °C; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com