Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 5Page - Infineon Technologies AG TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG TLE6288R Datasheet HTML 11Page - Infineon Technologies AG TLE6288R Datasheet HTML 12Page - Infineon Technologies AG TLE6288R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 9
13.01.2003
5. Maximum ratings
No. Parameter
Symbol Value
Unit
Pin / Comment
1
Power Supply Voltage 1
static
dynamic :
1min. 0°C
dynamic : Test cond. Fig.1
VB
VB
VB
-0.3 …20
24
37
V
V
V
DOUT1-3
DOUT1-3
DOUT1-3
2
Power Supply Voltage 2
VCC, VDO - 0.3 ... 7
V
VCC, VDO
3a
Continuous Drain Source
Voltage (lowside configuration)
VDSL
40
V
DOUT – SOUT
(channel 4-6)
3b
Continuous Source Voltage
(Highside configuration)
VSH
-9 ... VB
V
SOUT - GND
(channel 4-6)
4
Input Voltage
VIN
-0.3 … VCC+ 0.3
V
IN1-6, Reset, FSIN, CS,
SCK, SI, CLKProg
5a
Output Voltage
VOUT
-0.3 … VCC+ 0.3
V
Fault
5b
Output Voltage
VOUT
-0.3 … VDO+ 0.3
V
DIAG1-6, SO
5c
Output Voltage
VCP OUT
VB +10
V
VCP ; no voltage must
be applied
6
Operating Temperature
Ta
Tj
-40 … +105
-40 … +150
°C
°C
7
Storage Temperature
Tstg
-55 … +150
°C
8
Power Dissipation
(Rthja= 20K/W)
(Rthja= 30K/W)
Pdmax
2,25
1,5
W
9
Reverse Current (1ms)
Irev
-4
A
between DOUT and-
SOUT; Channel 4 to 6
10
ESD (Human Body Model)
C= 100pF, R=1.5k
Ω
Applied to all terminals 3 times
VESDb
2000
V
11
ESD (Machine Model)
C= 200pF, R=0
Ω
Applied to all terminals 3 times
VESDm
250
V
12
Single Switch off load Inductance
see Fig.2
DOUT, SOUT
Test cond. Fig.1
12V
37V
10 times
(once/ 30sec)
160ms
350ms
Fig.2
added after characterisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com