Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 14Page - Infineon Technologies AG TLE6288R Datasheet HTML 15Page - Infineon Technologies AG TLE6288R Datasheet HTML 16Page - Infineon Technologies AG TLE6288R Datasheet HTML 17Page - Infineon Technologies AG TLE6288R Datasheet HTML 18Page - Infineon Technologies AG TLE6288R Datasheet HTML 19Page - Infineon Technologies AG TLE6288R Datasheet HTML 20Page - Infineon Technologies AG TLE6288R Datasheet HTML 21Page - Infineon Technologies AG TLE6288R Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 18
13.01.2003
8.5
Default settings for the internal logic registers:
Mode
:no regulation
Peak Current (Ipeak)
:2.4A
Hold Current (Ihold)
:1A
Fixed off Time (toff)
:200µs
Peak Time (tpeak)
:2.8ms
AND / OR
:OR
Autorestart / Latch
:Restart
Diag6 / Temp. Fault
:Diagnosis channel 6
Highside / Lowside (4-6)
:Highside
Open load & SB Yes/No (4-6)
:Yes (diagnosis active)
Channels 1-6 (ON / OFF)
:OFF
SPI
:all 0
8.6
Bit Assignment:
Mode
00
no current regulation
01
hold only
10
P&H minimum peak time
11
P&H with programmed times
Peak Current (Ipk)::
: 1.2A
1.8A
2.4A
3.6A
2 Bits
: 0 0
0 1
1 0
1 1
Hold Current (Ihd)
: 0.7A
1A
1.4A
2A
2 Bits
: 0 0
0 1
1 0
1 1
Fixed off Time (tfo)
: 100µs 200µs 300µs
400µs
2 Bits
: 0 0
0 1
1 0
1 1
Peak Time (tp)
: 0.8
1.2
1.6
2
2.4
2.8
3.2
3.6 [ms]
3 Bits
: 000
001
010
011
100
101
110
111
Boolean operation
: OR
AND
1 Bit
: 0
1
Overtemp. behavior
: Restart
Latch
1 Bit
: 0
1
Diag6 / Overtemp
:Diag6
Overtemp. Flag
1 Bit
:0
1
Highside/Lowside
:Highside
Lowside
1 Bit
:0
1
Open Load & SB (4-6) :Yes
No
1 Bit
:0
1
Default settings are pin bold print.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com