Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG TLE6288R Datasheet HTML 11Page - Infineon Technologies AG TLE6288R Datasheet HTML 12Page - Infineon Technologies AG TLE6288R Datasheet HTML 13Page - Infineon Technologies AG TLE6288R Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 10
13.01.2003
6. Electrical Characteristics
VCC = 4.5 to 5.5 V ; Tj = - 40 °C to + 150 °C ; VB = 6V to 16V ; Reset = H ; VDO = VCC
(unless otherwise specified)
Value
No. Parameter
Sym-
bol
Condition
min
typ
max
Unit
Pin /
Comment
1
Power Supply, Reset
1.1
Power Supply Current 1
Ib
Ch1-Ch6:
Off
10
mA
DOUT1-3
1.2
Power Supply Current 2
Icc
10
mA
VCC
1.3
Power Supply Current 3
in Standby Mode
Icc+Ib
Reset = L
50
µA
DOUT1-3, VCC
1.4
Minimum Reset Duration
tRe-
set,min
50
µs
1.5
Wake up time after reset
twakeup
Ccp = 10 nF
5
ms
2
Power Outputs
2.1
On Resistance
RDS(ON) ID =2.4A
VB=10V
350
mΩ
DOUTx – SOUTx
2.2
Forward Voltage Revers
Diode
VRDf
ID = -4A
Tj = 150°C
2
V
SOUTx – DOUTx
2.3
Peak Current range
Ipk
1.2 --
3.6
A
2.4
Peak Current accuracy
Ipka
Tj= 25, 150°
Tj=-40
± 15
± 20
%
2.5
Hold Current range
Ihd
0.7 --
2
A
2.6
Hold Current accuracy
Ihda
Tj= 25, 150°
Tj=-40
± 15
± 20
%
2.7
Peak time range
tp
0.8 --
3.6
ms
2.8
Peak time accuracy
tpa
±20
%
2.9
Fixed off Time range
tfo
100 -
-
400
µs
2.10 Fixed off Time accuracy
tfoa
100µs
±30
%
2.11 Fixed off Time accuracy
200µs-
400µs
±20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com