Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 12Page - Infineon Technologies AG TLE6288R Datasheet HTML 13Page - Infineon Technologies AG TLE6288R Datasheet HTML 14Page - Infineon Technologies AG TLE6288R Datasheet HTML 15Page - Infineon Technologies AG TLE6288R Datasheet HTML 16Page - Infineon Technologies AG TLE6288R Datasheet HTML 17Page - Infineon Technologies AG TLE6288R Datasheet HTML 18Page - Infineon Technologies AG TLE6288R Datasheet HTML 19Page - Infineon Technologies AG TLE6288R Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 16
13.01.2003
SI
SO
CS
4 Bits
12 Bits
Command
Data
Diagnosis ( Ch. 1 to 6)
+ 2 Temp. Flags
SI command : 4 Command Bits program
the operation mode of Channels 1 to 6.
12 Data Bits configure the device and
give the input information (on or off) for
Channel 1 to 6.
SO diagnosis 16 bit diagnosis information
(two bit per channel) of channels 1 to 6 plus
two Overtemperature Flags
The 16 bit SPI is used to program different IC functions
and values, turn on and off the channels and to get de-
tailled diagnosis information. Therefore 4 command bits
and 12 data bits are used.
The following parameters and functional behavior can be
programmed by SPI:
Current regulation Mode (mode) : for each of the three
highside channels individually the operation mode can be
set.
a) "no current regulation
b) Current regulation "hold only
c) Current regulation "peak & hold with minimum
peak time
d) Current regulation "peak & hold with pro-
grammed peak time".
Peak Current (Ipk) : for each of the three highside channels individually the peak current value for P&H
current regulation can be programmed. The current range is 1.2A to 3.6A.
Fixed off time of the current regulator (tfo) : for each of the three highside channels (Ch1 - Ch3) indi-
vidually the fixed off time for all modes with current regulation can be programmed from 100µs to
400µs.
Hold Current (Ihd) : for each of the three highside channels(Ch1 - Ch3) individually the hold current
value for P&H and hold only current regulation can be programmed. The current range is 0.7A to 2.0A
Peak Time (tp) : for each of the three highside channels(Ch1 - Ch3) individually the peak time value for
P&H current regulation can be programmed. The time range is 0.8ms to 3.6ms.
Highside / Lowside Configuration ( H/L ) : Each of the three configurable channels (Ch4 – Ch6) can
be programmed for use as Highside Switch or Lowside Switch.
Open load and switch bypassed detection activated or deactivated (OL+SB) : For each of the
three configurable channels(Ch4 – Ch6) the open load and switch bypassed diagnosis can be deacti-
vated. In lowside configuration the open load and the short to GND detection can be deactivated, in
highside configuration the open load and short to battery detection.
Boolean Operation (OR / AND) : For all channels generally the Boolean operation of the parallel input
signal and the SPI bit of the corresponding channel can be defined.
Overtemperature Behavior ( R/L ) : The overtemperature behavior of the channels can be pro-
grammed by SPI. Autorestart or latching overtemperature shutdown can be selected (for all channels
the same behavior).
DIAG6 or Overtemperature Flag (D/F) : With this SPI bit the function of the DIAG6/Overtemp pin is
defined. This output can work as diagnosis output of channel 6 or as Overtemperature Flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com