Electronic Components Datasheet Search
  English  ▼

X  

TLE6288 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6288 Datasheet HTML 4Page - Infineon Technologies AG TLE6288 Datasheet HTML 5Page - Infineon Technologies AG TLE6288 Datasheet HTML 6Page - Infineon Technologies AG TLE6288 Datasheet HTML 7Page - Infineon Technologies AG TLE6288 Datasheet HTML 8Page - Infineon Technologies AG TLE6288 Datasheet HTML 9Page - Infineon Technologies AG TLE6288 Datasheet HTML 10Page - Infineon Technologies AG TLE6288 Datasheet HTML 11Page - Infineon Technologies AG TLE6288 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 8
13.01.2003
4. Pin description:
DOUT 1-3 – Drain of the 3 highside channels. These pins must always be connected to the same
power (battery) supply line.
SOUT 1-3 – Source of the three highside channels. Outputs of the highside channels where the load is
connected.
DOUT 4-6 – Drain pins of the three configurable channels. In highside configuration they must be con-
nected to the same voltage as DOUT 1-3. In lowside configuration they are the output pins and con-
nected to the load.
SOUT 4-6 – Source of the three configurable channels. In highside configuration they are the outputs
and connected to the load. In lowside configuration they must be connected with GND.
IN 1-6 – Parallel input pins for the 6 power outputs. These pins have an internal pull down structure.
GND – Logic ground pin.
FSIN – Disable pin. If the FSIN pin is in a logic low state, it switches all outputs OFF. An internal pull-up
structure is provided on chip.
Reset – Reset pin. When the reset is low all channels are off, the internal biasing is deactivated, all
internal registers are cleared and the supply-current consuption is reduced (standby mode). An internal
pull-up structure is provided on chip.
Fault – General Fault pin. There is a general fault pin (open drain) which shows a high to low transition
as soon as an error is latched into the diagnosis register. When the diagnosis register is cleared this
flag is also reset (high state). This fault indication can be used to generate a µC interrupt.
CLKProg – Programming pin for the SPI Clock signal. This pin can be used to configure the clock sig-
nal input of the SPI. In low state the SPI will read data at the rising clock edge and write data at the
falling clock edge. In high state the SPI will read data at the falling clock edge and write data at the ris-
ing clock edge The pin has an internal pull down structure.
DIAG1..5; DIAG6 / Overtemp. – Parallel diagnostic pins (push-pull) change state according to the in-
put signal of the corresponding channel. As soon as an error occurs at the corresponding channel (
Overload and overtemperature is detected in on state and open load /switch bypass in off state) the
DIAG output shows the inverted input signal. An fault is detected only if it lasts for longer than the fault
filtering time. The fault information is not latched in a register.
If DIAG6 is configured as Overtemperature Flag: This is a general fault pin which shows a high to low
transition as soon as an overtemperature error occurs for any one of the six channels (for longer than
the fault filtering time) or the IC logic. This fault indication can be used to differ between overload and
overtemperature errors in one of the six channels or to detect a general IC overtemperature.
VCP – Pin to connect the external capacitor of the integrated charge pump.
VDO – Supply pin of the push-pull digital output drivers. This pin can be used to vary the high-state
output voltage of the SO pin and the DIAG1-6 pins.
VCC – Logic supply pin. This pin is used to supply the integrated circuitry.
CS – Chip Select of the SPI
SO – Signal Output of the Serial Peripheral Interface
SI – Signal Input of the Serial Peripheral Interface. The pin has an internal pull down structure.
SCLK – Clock Input of the Serial Peripheral Interface. The pin has an internal pull up structure (if
CLKProg=L) or an pull down structure (if CLKProg=H).
For more details about the SPI see Chapter 9.SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com