Electronic Components Datasheet Search
  English  ▼

X  

TLE6288 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6288 Datasheet HTML 7Page - Infineon Technologies AG TLE6288 Datasheet HTML 8Page - Infineon Technologies AG TLE6288 Datasheet HTML 9Page - Infineon Technologies AG TLE6288 Datasheet HTML 10Page - Infineon Technologies AG TLE6288 Datasheet HTML 11Page - Infineon Technologies AG TLE6288 Datasheet HTML 12Page - Infineon Technologies AG TLE6288 Datasheet HTML 13Page - Infineon Technologies AG TLE6288 Datasheet HTML 14Page - Infineon Technologies AG TLE6288 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 11
13.01.2003
VCC = 4.5 to 5.5 V ; Tj = - 40 °C to + 150 °C ; VB = 6V to 16V ; Reset = H ; VDO = VCC
(unless otherwise specified)
Value
No. Parameter
Sym-
bol
Condition
min
typ
max
Unit
Pin /
Comment
2.12 Output ON Delay time1
tdON
Fig.3
10
µs
2.13 Output ON Rise time1
tr
Fig.3
10
µs
2.14 Output OFF Delay time1
tdOFF
Fig.3
HS- Mode
LS- Mode
20
20
µs
2.15 Output OFF Fall time1
tf
Fig.3
10
µs
2.16 Leackage Current
Reset = L
10
µA
2.17 Leak Current in OFF
(highside configuration)
Iloff
-250
µA
SOUT1-6
2.18 Leak Current in OFF
(lowside configuration)
Iloff
500
µA
DOUT4-6
2.19 Output Clamp Voltage
Highside Configuration
Vclh
Referes to
GND level
-9
-14
-19
V
SOUT1-6
2.20 Output Clamp Voltage
Lowside Configuration
Vcll
Referes to
GND level
40
55
V
DOUT4-6
2.21 Current limitation
(Channel 1-3)
IDlim1-3
4
6
A
2.22 Current limitation
(Channel 4-6)
IDlim4-6
3
6
A
2.23 IC Overtemp. Warning
Hysteresis
Tot
Thys
160
10
180
°C
°C
3
Digital Inputs
3.1
Input Low Voltage
VINL
1
V
all digit. inputs
3.2
Input High Voltage
VINH
2
V
all digit. inputs
3.3
Input Voltage Hysteresis
VINHys
100
mV
all digit. inputs
3.4
Input Pull Down current
Ipd
VIN = 5V
20
50
100
µA
IN1-6; CLKProg
3.5
Input Pull Up current
Ipu
VIN = GND
20
50
100
µA
Reset; FSIN
3.6
SPI Input Pull Down
current
Ipd
VIN = 5V
10
20
50
µA
SI, SCLK
(CLKProg=H)
3.7
SPI Input Pull Up current
Ipd
VIN = GND
10
20
50
µA
CS;SCLK
(CLKProg=L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com