Electronic Components Datasheet Search
  English  ▼

X  

TLE6288 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6288 Datasheet HTML 13Page - Infineon Technologies AG TLE6288 Datasheet HTML 14Page - Infineon Technologies AG TLE6288 Datasheet HTML 15Page - Infineon Technologies AG TLE6288 Datasheet HTML 16Page - Infineon Technologies AG TLE6288 Datasheet HTML 17Page - Infineon Technologies AG TLE6288 Datasheet HTML 18Page - Infineon Technologies AG TLE6288 Datasheet HTML 19Page - Infineon Technologies AG TLE6288 Datasheet HTML 20Page - Infineon Technologies AG TLE6288 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 17
13.01.2003
8.4
SPI Commands
Command Table
No Command
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
1
Config. Regulator 1
1
0
0
1
Mode
Ipk
tfo
Ihd
tp
X
2
Config. Regulator 2
1
0
1
0
Mode
Ipk
tfo
Ihd
tp
X
3
Config. Regulator 3
1
0
1
1
Mode
Ipk
tfo
Ihd
tp
X
Ch. 6
Ch. 5
Ch 4
all
all
DIAG
6
4
Config. Ch1 - Ch6
1
1
0
0
H/L OL+
SB
H/L OL+
SB
H/L OL+
SB
OR/
AND
R/L
D/F
X
X
X
5
Set all to Default
1
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
6
Diagnosis only
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
7
Channels on / off
1
1
0
1
Ch6 Ch5 Ch4 Ch3 Ch2 Ch1
X
X
X
X
X
X
Legend of SPI Command Table:
Mode: Operation mode of the current regulator:
a) no regulation
b) hold only
c) peak&hold with minimum peak time
d) peak&hold with programmed peak time
Ipk : Peak current values
1.2A - 3.6A
Ihd : Hold current values
0.7A - 2A
tp : Peak time value
0.8ms – 3.6ms
tfo : Fixed off time value
100µs – 400µs
H/L : Channel 1-3 in highside or lowside configuration
OL+SB : open load detection and switch bypassed detection activated or deactivated
OR / AND : Boolean Operation (parallel input and corresponding SPI Bit)
R/L : Autorestart or Latching overtemperature behaviour
D/F : DIAG6/Overtemp pin set as Diagnosis output of channel 6 or as Overtemperature Flag
Ch1-Ch6 : On / Off information of the output drivers (high active)
Command description:
Config. Regulator 1-3: With this command the values for for the current regulation and the functional
mode of the channel is written into the internal logic registers.
Config. Ch1- Ch6 : This command writes the configuration data of the three configurable channels (4-
6) and sets the Boolean operation and overtemperature behavior of all channels. It also and sets the
DIAG6/Overtemp. pin to Diagnosis of channel 6 or Overtemperature Flag.
Set all to default : This command sets all internal logic registers back to default settings.
Diagnosis only : When this command is sent the 12 data bits are ignored. The internal logic registers
are not changed.
Channels on/off : With this command the SPI bits for the ON/OFF information of the 6 Channels are
set
Note: Specified control words (valid commands) are executed and the diagnosis register is reset after
the rising CS edge.
Not specified control words are not executed (cause no function) and the diagnosis register is not reset
after the CS = L H signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com