Electronic Components Datasheet Search
  English  ▼

X  

ACT4808N-DF Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4808N-DF
Description  Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808N-DF Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4808N-DF Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SCD4808N Rev B
ABSOLUTE MAXIMUM RATINGS
Operating Case Temperature
-55°C to +125°C
Storage Case Temperature
-65°C to +150°C
Power Supply Voltages (VCC, VEE, VL)
±12VDC to ±18VDC
+5VDC to +7VDC
Logic Input Voltage
-0.3 VDC to +5.5 VDC
Receiver Differential Input
±40 VP
-P
Receiver Input Voltage (Common Mode)
±10 V
Driver Peak Output Current
150 mA
Total Package Power Dissipation over the Full Operating
Case Temperature Range
3.25 Watts
(Note: Normal operation conditions require one transmitter
on and the other off at any given time)
Maximum Junction to Case Temperature
16.25°C
Thermal resistance – Junction to Case
5°C/W
ELECTRICAL CHARACTERISTICS – DRIVER SECTION 1/ 2/
INPUT CHARACTERISTICS, TX DATA IN or TX DATA IN
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4V
IILD
--0.1
-0.2
mA
"1" Input Current
VIN = 2.7V
IIHD
-
1
40
µA
"0" Input Voltage
-
VILD
--
0.7
V
"1" Input Voltage
-
VIHD
2.0
-
-
V
INHIBIT CHARACTERISTICS
"0" Input Current
VIN = 0.4V
IILI
--0.1
-0.2
mA
"1" Input Current
VIN = 2.7V
IIHI
-
1.0
40
µA
"0" Input Voltage
-
VILI
--
0.7
V
"1" Input Voltage
-
VIHI
2-
-
V
Delay from TX inhibit, (0
➝1) to inhibited output
-
tDXOFF
-350
700
nS
Delay from TX inhibit, (1
➝0) to active output
-
tDXON
-300
500
nS
Differential Output Noise, inhibit mode
3/VNOI
-
0.8
10
mVp-p
Differential Output Impedance *
4/ZOI
2K
-
-
Ω
* See Aeroflex Application note# 113 for reference.
OUTPUT CHARACTERISTICS
Differential output - Direct coupled stub
Differential output - Transformer coupled stub
(See Figures 3 and 4)
Point B- B'
ZO = 70Ω
5/
VO
26
18
29
21
32
25
Vp-p
Vp-p
Differential output offset - Direct coupled stub Fig. 4
Differential output offset - Xformer coupled stub Fig. 3
VOS
VOS
-
-
±360
±250
mVpk
mVpk
Differential output rise / fall times (see Figure 5)
10% - 90%
tR & tF
200
250
300
nS
Delay from 50% Point of TX DATA or TX DATA input
to zero crossing of differential output.
−
tDTX
-
240
300
nS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com