Electronic Components Datasheet Search
  English  ▼

X  

ACT4808N-DF Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4808N-DF
Description  Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808N-DF Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4808N-DF Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCD4808N Rev B
FEATURES
❑
ACT4808N Dual Transceiver meets MIL-STD-1553A & B, Macair A3818, A5690,
A5232 and A4905 specs
❑
New Low Power Model
❑
Operates with ±12V to ±15V & +5V Power Supplies
❑
Voltage source output
❑
Plug-in or Flat Package
❑
Monolithic construction
❑
Designed for commercial, industrial and aerospace applications
❑
MIL-PRF-38534 compliant devices available
❑
Aeroflex-Plainview is a Class H & K MIL-PRF-38534 manufacturer
GENERAL DESCRIPTION
The Aeroflex-Plainview ACT4808N is a monolithic transceiver design which provides full compliance with Macair
(A-3818, A-4905, A-5232 and A-5690) and MIL-STD-1553A/B data bus requirements and can be considered a
"Universal" Transceiver.
The dual channel transceiver performs the front-end analog function of inputting and outputting data through a
transformer to the MIL-STD-1553 or Macair data bus.
Design of this transceiver reflects particular attention to active filter performance. This results in low bit and word
error rate with superior waveform purity and minimal zero crossover distortion. The ACT4808N series active
transmit filter design has additional high frequency roll-off to provide the required Macair low harmonic distortion
waveform without increasing the pulse delay characteristics significantly.
Efficient transmitter electrical and thermal design provides low internal power dissipation and heat rise at high as
well as low duty cycles. The receiver input threshold is set Internally.
TRANSMITTER
The Transmitter section accepts bi-phase TTL data at the input and when coupled to the data bus with a 1:1 transformer
the data bus signal produced is 7.0 Volts typical P-P at Point A-A’ (See Figure 3 or 4)
. When both DATA and DATA inputs
are held low or high, the transmitter output becomes a high impedance and is “removed” from the line. In addition, an
overriding “INHIBIT" input provides for the removal of the transmitter output from the line. A logic “1” signal
applied to the “INHIBIT” takes priority over the condition of the data inputs and disables the transmitter (See
Transmitter Logic Waveform, Figure 1).
The transmitter utilizes an active filter to suppress harmonics above 1 MHz to meet Macair specifications A-3818,
A-4905, A-5232 and A-5690. The transmitter may be safely operated for an indefinite period at 100% duty cycle into
a data bus short circuit (Point A-A’). The Transmitter may be safely operated for an indefinite period with the 1553
bus (Point A) short circuited at 100% duty cycle.
RECEIVER
The Receiver section accepts bi-phase differential data at the input and produces two TTL signals at the output. The
outputs are DATA and DATA, and represent positive and negative excursions of the input beyond a pre-determined
threshold (See Receiver Logic Waveform, Figure 2).
The internal threshold is nominally set to detect data bus signals exceeding 1.10 Vp-p and reject signals less than 0.6
Vp-p when used with a 1:1 turns ratio transformer (See Figure 4 for transformer data and typical connection).
A low level at the Strobe input inhibits the DATA and DATA outputs.
ACT4808N Dual Transceivers
Standard Products
www.aeroflex.com/Avionics
May 25, 2005
for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B


Similar Part No. - ACT4808N-DF

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808D AEROFLEX-ACT4808D Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808DF AEROFLEX-ACT4808DF Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808DFI AEROFLEX-ACT4808DFI Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808DI AEROFLEX-ACT4808DI Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results

Similar Description - ACT4808N-DF

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
MIL-STD-1553A/B Bus Transceiver
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com