Electronic Components Datasheet Search
  English  ▼

X  

ACT4808N-DF Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4808N-DF
Description  Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808N-DF Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4808N-DF Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SCD4808N Rev B
TYPICAL HYBRID POWER DISSIPATION
*, PER CHANNEL
Power Supply
Conditions
Condition
Standby
100% Duty
Cycle
Unit
PSC1
VCC = +15V
VEE = -15V
VL = +5V
Point B-B'
ZO = 70 Ω,
VO = 29 VPK-PK
Bit Pattern = FFFF
HEX
Figure 4
0.540
2.167
Watts
PSC2
VCC = +15V
VEE = -12V
VL = +5V
0.465
1.852
PSC3
VCC = +12V
VEE = -12V
VL = +5V
0.450
1.600
* See Aeroflex Application note# 112 for reference.
RECOMMENDED POWER SUPPLY VOLTAGE RANGE
+V
+11.4 Volts to +15.75 Volts
-V
-11.4 Volts to -15.75 Volts
Logic
+4.5 Volts to +5.5 Volts
Notes:
1. VCC = +15Volts ±0.75V, VEE = -15Volts ±0.75V, VIL = +5Volts ±0.5V, TC = -55°C to +125°C, unless otherwise specified.
2. All typical values are measured at +25°C.
3. Characteristics guaranteed by design, not production tested.
4. Power ON/OFF, measured from 75KHz to 1MHz at Point A-A' Figure 4, in accordance with MIL-STD-1553B paragraph 4.5.2.2.2.3.
5. At Point A-A' on Figure 3 or 4, 2.5 µS after midpoint crossing of the parity bit of the last word of a 660 µS message.
6. Receiver skew is defined as the time from the rising edge of RX DATA OUT to the rising edge of RX DATA OUT minus 500 nS, with
a sine wave input of 3 Vpk-pk at 1MHz driven into Point B-B' of Figure 4 or 2.1 Vpk-pk at 1MHz driven into Point B-B' of Figure 3. The
specification maximum is guaranteed for TA = 25°C only. Standard TTL loads applied to RX DATA Outputs.
7. This test is peformed while the Transceiver is reading its own transmission. This condition is called "Wraparound". Standard TTL loads
applied to RX DATA Outputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com