Electronic Components Datasheet Search
  English  ▼

X  

ACT4808N-DF Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4808N-DF
Description  Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808N-DF Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4808N-DF Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4808N-DF Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SCD4808N Rev B
ELECTRICAL CHARACTERISTICS – RECEIVER SECTION
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Input Impedance
f = 1MHz
ZIN
10K
-
-
Ω
Differential Input Voltage Range
-
VIDR
--
40
Vp-p
Input Common Mode Voltage Range
-
VICR
10
-
-
Vp-p
Common Mode Rejection Ratio
-
CMRR
40
-
-
dB
STROBE CHARACTERISTICS (LOGIC "0" INHIBITS OUTPUT)
"0" Input Current
VS = 0.4 V
IIL
-
-0.2
-0.4
mA
"1" Input Current
VS = 2.7 V
IIH
-1.0
+40
µA
"0" Input Voltage
-
VIL
--
0.7
V
"1" Input Voltage
-
VIH
2.0
-
-
V
Strobe Delay (Turn-on or Turn-off)
-
tSD
-
40
150
nS
THRESHOLD CHARACTERISTICS (SINEWAVE INPUT )
Internal Threshold Voltage Figure 4
Point B-B’
1MHz
VTH
0.60
0.80
1.10
Vp-p
OUTPUT CHARACTERISTICS, RX DATA AND RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.6
-
V
"0" State
IOL = 4 mA
VOL
-
0.35
0.5
V
Receiver Output Skew
6/t
RXSK
-
-
10
nS
Delay (average), from differential input zero
crossings to RX DATA and RX DATA output
50% points
7/tDRX
-
300
450
nS
POWER SUPPLY CURRENTS PER CHANNEL 1/ 2/
VCC = +12V to +15V, VEE = -12V to -15V, VL = +5V
Duty Cycle
Condition
Symbol
Typ
Max
Unit
Transmitter Standby
Pt. B -B'
ZO = 70 Ω,
VO = 29 VPK-PK
Bit Pattern = FFFF
HEX
Figure 4
ICC
IEE
IL
5
25
18
10
35
30
mA
25%
ICC
IEE
IL
20
40
18
30
60
30
50%
ICC
IEE
IL
40
60
18
60
80
30
100%
ICC
IEE
IL
85
105
18
120
140
30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com