Electronic Components Datasheet Search
  English  ▼

X  

PE42020 Datasheet(PDF) 13 Page - Peregrine Semiconductor

Part # PE42020
Description  UltraCMOS True DC RF Switch, 0 Hz??000 MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42020 Datasheet(HTML) 13 Page - Peregrine Semiconductor

Back Button PE42020 Datasheet HTML 9Page - Peregrine Semiconductor PE42020 Datasheet HTML 10Page - Peregrine Semiconductor PE42020 Datasheet HTML 11Page - Peregrine Semiconductor PE42020 Datasheet HTML 12Page - Peregrine Semiconductor PE42020 Datasheet HTML 13Page - Peregrine Semiconductor PE42020 Datasheet HTML 14Page - Peregrine Semiconductor PE42020 Datasheet HTML 15Page - Peregrine Semiconductor PE42020 Datasheet HTML 16Page - Peregrine Semiconductor PE42020 Datasheet HTML 17Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PE42020
UltraCMOS® True DC RF Switch
DOC-23814-3 – (12/2014)
Page 13
www.psemi.com
Figure 13 • RFC Port Return Loss vs V
DD/VSS, LZ = 0
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
012345678
Frequency (GHz)
+11V/–11V
+13.5V/–13.5V
+15V/–15V
Figure 14 • RFC Port Return Loss vs V
DD/VSS, LZ = 1
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
012345678
Frequency (GHz)
+11V/–11V
+13.5V/–13.5V
+15V/–15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com