Electronic Components Datasheet Search
  English  ▼

X  

PE42020 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE42020
Description  UltraCMOS True DC RF Switch, 0 Hz??000 MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42020 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE42020 Datasheet HTML 1Page - Peregrine Semiconductor PE42020 Datasheet HTML 2Page - Peregrine Semiconductor PE42020 Datasheet HTML 3Page - Peregrine Semiconductor PE42020 Datasheet HTML 4Page - Peregrine Semiconductor PE42020 Datasheet HTML 5Page - Peregrine Semiconductor PE42020 Datasheet HTML 6Page - Peregrine Semiconductor PE42020 Datasheet HTML 7Page - Peregrine Semiconductor PE42020 Datasheet HTML 8Page - Peregrine Semiconductor PE42020 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PE42020
UltraCMOS® True DC RF Switch
Page 2
DOC-23814-3 – (12/2014)
www.psemi.com
Absolute Maximum Ratings
Exceeding absolute maximum ratings listed in Table 1 may cause permanent damage. Operation should be
restricted to the limits in Table 2. Operation between operating range maximum and absolute maximum for
extended periods may reduce reliability.
ESD Precautions
When handling this UltraCMOS device, observe the same precautions as with any other ESD-sensitive devices.
Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to
avoid exceeding the rating specified in Table 1.
Latch-up Immunity
Unlike conventional CMOS devices, UltraCMOS devices are immune to latch-up.
Table 1 • Absolute Maximum Ratings for PE42020
Parameter/Condition
Min
Max
Unit
Positive supply voltage, VDD
10
17
V
Negative supply voltage, VSS
–17
–10
V
Digital input voltage (CTRL, LS, LZ)
–0.3
3.6
V
RF input power (RFC–RFX), 50
Ω
0–40 MHz
≥40–8000 MHz
Fig. 2–Fig. 5
38
dBm
dBm
Storage temperature range
–65
+150
°C
ESD voltage HBM, all pins(1)
1000
V
ESD voltage MM, all pins(2)
150
V
ESD voltage CDM, all pins(3)
1000
V
Notes:
1) Human body model (MIL-STD 883 Method 3015).
2) Machine model (JEDEC JESD22-A115).
3) Charged device model (JEDEC JESD22-C101).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com