Electronic Components Datasheet Search
  English  ▼

X  

PE42020 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE42020
Description  UltraCMOS True DC RF Switch, 0 Hz??000 MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42020 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE42020 Datasheet HTML 2Page - Peregrine Semiconductor PE42020 Datasheet HTML 3Page - Peregrine Semiconductor PE42020 Datasheet HTML 4Page - Peregrine Semiconductor PE42020 Datasheet HTML 5Page - Peregrine Semiconductor PE42020 Datasheet HTML 6Page - Peregrine Semiconductor PE42020 Datasheet HTML 7Page - Peregrine Semiconductor PE42020 Datasheet HTML 8Page - Peregrine Semiconductor PE42020 Datasheet HTML 9Page - Peregrine Semiconductor PE42020 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PE42020
UltraCMOS® True DC RF Switch
Page 6
DOC-23814-3 – (12/2014)
www.psemi.com
Hot-switching Capability
The maximum hot switching capability of the PE42020
is 27 dBm at VDD = +15V and VSS = –15V; 24 dBm at
VDD = +11V and VSS = –11V. Hot switching occurs
when RF power is applied while switching between
RF ports.
Control Logic
Table 5 provides the control logic truth table for the
PE42020.
Table 5 • Control Logic Truth Table for PE42020
LS
CTRL
LZ(*)
RFC–RF1
RFC–RF2
Off Port
Terminated
0
0
0
OFF
ON
Yes
0
0
1
OFF
ON
No (High–Z)
0
1
0
ON
OFF
Yes
0
1
1
ON
OFF
No (High–Z)
1
0
0
ON
OFF
Yes
1
0
1
ON
OFF
No (High–Z)
1
1
0
OFF
ON
Yes
1
1
1
OFF
ON
No (High–Z)
Note: * If LZ is pulled high, the part is configured as an open reflective switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com