Electronic Components Datasheet Search
  English  ▼

X  

6049136 Datasheet(PDF) 2 Page - SICK AG

Part # 6049136
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6049136 Datasheet(HTML) 2 Page - SICK AG

  6049136 Datasheet HTML 1Page - SICK AG 6049136 Datasheet HTML 2Page - SICK AG 6049136 Datasheet HTML 3Page - SICK AG 6049136 Datasheet HTML 4Page - SICK AG 6049136 Datasheet HTML 5Page - SICK AG 6049136 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FLG4-20018011 | FLG
SWITCHING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Illustration may differ
Ordering information
Type
Part no.
FLG4-20018011
6049136
Other models and accessories
www.sick.de/FLG
Detailed technical data
Features
Version
Close
Technology
Sender/receiver
Minimum detectable object (MDO)
Dynamic: 4 mm
Static: 6 mm
Beam separation
4 mm
Output function
Light/dark switching adjustable by means of rotary switch
Performance
Detection area (W x H)
180 mm x 200 mm
Response time
< 0.1 ms
Interfaces
Switching output
PNP/NPN (Q and /Q)
Connection type
M12, 4-pin male connector
Mechanics/electronics
Wave length
880 nm
Supply voltage Vs
DC 18 V ... 30 V 1)
Ripple
< 10 %
Output current Imax.
≤ 100 mA
Off delay
0 s ... 5 s 2)
Initialization time
0.3 s
Dimensions (W x H x D)
242 mm x 230 mm x 25 mm
Housing material
Aluminum, painted
Indication
LED
Enclosure rating
IP 65
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) Adjustable.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com