Electronic Components Datasheet Search
  English  ▼

X  

6049136 Datasheet(PDF) 3 Page - SICK AG

Part # 6049136
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6049136 Datasheet(HTML) 3 Page - SICK AG

  6049136 Datasheet HTML 1Page - SICK AG 6049136 Datasheet HTML 2Page - SICK AG 6049136 Datasheet HTML 3Page - SICK AG 6049136 Datasheet HTML 4Page - SICK AG 6049136 Datasheet HTML 5Page - SICK AG 6049136 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FLG4-20018011 | FLG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Weight
≥ 1 kg
Switching frequency
≤ 5,000 Hz
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) Adjustable.
Ambient data
Protection class
III
EMC
EN 60947-5-2
Ambient temperature
Operation: 0 °C ... +60 °C 1)
Storage: –20 °C ... +80 °C
Ambient light immunity
Sunlight: 10,000 lx
Vibration resistance
EN 60068-2-6
Shock load
EN 60068-2-27
1) In static mode: constant temperature around teaching point will be assumed.
Dimensional drawing (Dimensions in mm (inch))
FLGx-200xxx1x
25
(0.98)
S
T
62
(2.44)
50
(1.97)
a1
a
10.2
(0.40)
4 x Ø 5 (0.20)
37
(1.46)
25
(0.98)
R
S
a1
a
FLGx-200120xx
182 (7.17)
120 (4.72)
FLGx-200180xx
242 (9.53)
180 (7.09)
FLGx-200250xx
312 (12.28)
250 (9.84)
Adjustments
Indication LED
1
2
①  Yellow LED: status output
②  Red LED: error or button lock active (blinking)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com