Electronic Components Datasheet Search
  English  ▼

X  

6049136 Datasheet(PDF) 5 Page - SICK AG

Part # 6049136
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6049136 Datasheet(HTML) 5 Page - SICK AG

  6049136 Datasheet HTML 1Page - SICK AG 6049136 Datasheet HTML 2Page - SICK AG 6049136 Datasheet HTML 3Page - SICK AG 6049136 Datasheet HTML 4Page - SICK AG 6049136 Datasheet HTML 5Page - SICK AG 6049136 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FLG4-20018011 | FLG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
5
Diagramm
All dimensions in mm (inch)
Dimensions in mm (inch)
b1
b
1 FLG2-xxx120xx
151.4 (5.96)
73.9 (2.91)
2 FLG2-xxx180xx
140.2 (5.52)
133.9 (5.27)
3 FLG2-xxx250xx
117.6 (4.63)
203.9 (8.03)
8.8
(0.35)
37.3
(1.49)
1
2
3
b
b1
4
④  Side is missing in open version
Recommended accessories
Other models and accessories
www.sick.de/FLG
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com