Electronic Components Datasheet Search
  English  ▼

X  

6049136 Datasheet(PDF) 4 Page - SICK AG

Part # 6049136
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6049136 Datasheet(HTML) 4 Page - SICK AG

  6049136 Datasheet HTML 1Page - SICK AG 6049136 Datasheet HTML 2Page - SICK AG 6049136 Datasheet HTML 3Page - SICK AG 6049136 Datasheet HTML 4Page - SICK AG 6049136 Datasheet HTML 5Page - SICK AG 6049136 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FLG4-20018011 | FLG
SWITCHING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Connection type and diagram
M12, 4-pin male connector
L+
nc
M
QPNP/NPN / ¯
QPNP/NPN
1
2
3
4
brn
wht
blu
blk
Concept of operation
T
S
Setting key lock
Locking:
After the last setting, the
frame waits 15 minutes then
locks the potentiometer.
When the potentiometers are
locked, the red LED flashes
every time you turn any button.
T
S
< 4 s
Unlocking:
1 To unlock the potentiometers,
turn the mode button on the
“Stat. NO” position.
2 Turn in less than 4 seconds,
on the “Dyn. NO”
position.
The potentiometers are then
unlocked and the settings are
updated with the current
position of the potentiometers.
1
2
Notice:
If the mode button is already
in the “Stat. NO” position,
change mode previously and
then apply the standard
unlocking procedure.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com