Electronic Components Datasheet Search
  English  ▼

X  

CMA-252LN Datasheet(PDF) 2 Page - Mini-Circuits

Part # CMA-252LN
Description  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-252LN Datasheet(HTML) 2 Page - Mini-Circuits

  CMA-252LN Datasheet HTML 1Page - Mini-Circuits CMA-252LN Datasheet HTML 2Page - Mini-Circuits CMA-252LN Datasheet HTML 3Page - Mini-Circuits CMA-252LN Datasheet HTML 4Page - Mini-Circuits CMA-252LN Datasheet HTML 5Page - Mini-Circuits CMA-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ultra Low Noise, High IP3
Monolithic Amplifier
Page 2 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
simplified schematic and pad description
Function
Pad Number
Description
RF IN
3
Connects to RF input via C1 and Pad 2 via L1
RF-OUT
6
Connects to RF out via C2, Pad 8 via R1, and C3
RF-Ground
2
Connects to ground via C4 and Pad 3 via L1
Bias
1
Connects to Supply voltage (Vs) via Rbias
Feedback
8
Connected to pads 6, 1 via R1 and C3
Ground
7 & paddle
Connects to ground
Not connected
4,5
Recommend connection to ground
Product Features
• Low Noise Figure, 0.8 dB at 1.8 GHz
• High IP3, 30 dBm typ. at 1.8 GHz
• P1dB 17 dBm typ. at 1.8 GHz
• Adjustable Current, 25 to 80 mA
• Adjustable Gain, ±1.5 dB
• Active Bias
• Small size - 3mm x 3mm x 1.14mm
• Ceramic, hermetic, Nitrogen filled
• No external matching components required
REV. B
M155058
CMA-252LN+
BT/CP
160222
General Description
The CMA-252LN+ amplifier is fabricated using E-PHEMT technology and offers extremely high dynamic
range with ultra low noise figure and good input and output return loss. Terminal finish is Ni-Pd-Au and
it has repeatable performance from lot to lot due to fully automated, tightly controlled semiconductor and
assembly processes.
Typical Applications
• Base station infrastructure
• Satellite Communication (Inmarsat)
• LTE
• GPS
• Tactical Air Navigation
3
1
4,5,7 paddle
RF-Out and DC-IN
8
6
RF-IN
2
RF-Ground
Ground
Bias Feedback
CMA-252LN+
CASE STYLE: DL1721
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
1
4
3
2
8
5
6
7
GND
Bias
RF
In
NC
Gnd
NC
RF
Out, DC
Top View
RF
Gnd
Feed
Back
1.5-2.5 GHz
* Enhancement mode pseudomorphic High Electron Mobility Transistor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com