Electronic Components Datasheet Search
  English  ▼

X  

CMA-252LN Datasheet(PDF) 3 Page - Mini-Circuits

Part # CMA-252LN
Description  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-252LN Datasheet(HTML) 3 Page - Mini-Circuits

  CMA-252LN Datasheet HTML 1Page - Mini-Circuits CMA-252LN Datasheet HTML 2Page - Mini-Circuits CMA-252LN Datasheet HTML 3Page - Mini-Circuits CMA-252LN Datasheet HTML 4Page - Mini-Circuits CMA-252LN Datasheet HTML 5Page - Mini-Circuits CMA-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 3 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Parameter
Ratings
Operating Temperature (ground lead)
-55°C to 105°C
Storage Temperature
-65°C to 125°C
Junction Temperature
150°C
Total Power Dissipation
0.55 W
Input Power (CW), Vs=3V or 4V
+25 dBm (5 min. max)
+20 dBm (continuos)
DC Voltage
5.5V
(5) Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
Absolute Maximum Ratings(4)
Electrical Specifications(1) at 25°C, unless noted
CMA-252LN+
(1) Measured on Mini-Circuits Characterization test board TB-759+. See Characterization Test Circuit (Fig. 1) R1=825Ω, Rbias=619Ω
(2) Current increases at P1dB
(3) (Current at 85°C - Current at -45°C)/130
Parameter
Condition
(GHz)
Vs=4V
Vs=3V
Units
Min.
Typ.
Max.
Typ.
Frequency Range
1.5
2.5
GHz
Noise Figure
1.5
0.7
0.7
dB
1.8
0.8
0.9
2.0
1.0
1.0
2.2
1.1
1.2
2.5
1.3
1.3
Gain
1.5
19.2
18.6
dB
1.8
18.3
17.6
2.0
16.8
16.2
2.2
16.1
15.4
2.5
15.1
14.2
Input Return Loss
1.5
19.0
14.0
dB
1.8
15.0
12.4
2.0
13.8
11.8
2.2
13.0
11.6
2.5
12.5
11.1
Output Return Loss
1.5
10.0
10.6
dB
1.8
22.5
26.0
2.0
16.5
16.0
2.2
11.2
10.8
2.5
7.6
7.1
Output Power @1 dB compression (2)
1.5
18.5
16.2
dBm
1.8
17.9
15.9
2.0
17.8
15.6
2.2
17.4
15.3
2.5
16.1
13.9
Output IP3
1.5
31.1
27.1
dBm
1.8
30.1
25.5
2.0
30.0
25.3
2.2
29.3
24.8
2.5
27.6
23.2
Device Operating Voltage
3.8
4.0
4.2
3.0
V
Device Operating Current at typ. voltage(2)
57
70
41
mA
DC Current Variation Vs. Temp. at typical voltage(3)
-19
-3.4
µA/°C
DC Current Variation Vs. Voltage
0.018
0.017
mA/mV
Thermal Resistance
53
53
°C/W
DC Current Histogram at Vs=4V
0
10
20
30
40
50
60
70
Current (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com