Electronic Components Datasheet Search
  English  ▼

X  

CMA-252LN Datasheet(PDF) 6 Page - Mini-Circuits

Part # CMA-252LN
Description  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-252LN Datasheet(HTML) 6 Page - Mini-Circuits

  CMA-252LN Datasheet HTML 1Page - Mini-Circuits CMA-252LN Datasheet HTML 2Page - Mini-Circuits CMA-252LN Datasheet HTML 3Page - Mini-Circuits CMA-252LN Datasheet HTML 4Page - Mini-Circuits CMA-252LN Datasheet HTML 5Page - Mini-Circuits CMA-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 6 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
CMA-252LN+
ESD Rating
Human Body Model (HBM): Class 1A (250 to <1000V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (pass 25V) in accordance with ANSI/ESD STM5.2-1999
MSL Rating
Moisture Sensitivity: MSL1 (these parts are hermetic, air cavity and therefore, MSL ratings do not strictly
apply. For handling purpose, use MSL1)
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set (.zip file)
Case Style
DL1721
Ceramic package, exposed paddle, Terminla finish: NiPdAu
Tape & Reel
F66-1
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500 or 1K, 2K devices.
Suggested Layout for PCB Design
PL-406
Evaluation Board
TB-759+
Environmental Ratings
ENV-68
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Qualification Testing
Test Description
Test Method/Process
Results
1
Hermeticity (fine and gross leak)
MIL-STD-202 Method 112, Cond. C & D
Pass
2
Acceleration, 30Kg, Y1 Direction
MIL-STD-883 Method 2001 Cond. E
Pass
3
Vibration , 10-2000Hz sine, 20g, 3 axis
MIL-STD-202 Method 204, Cond. D
Pass
4
Mechanical shock
MIL-STD-202 Method 213, Cond . A
Pass
5
PIND 20G’s @130 Hz
MIL-STD-750 Method 2052.2
Pass
6
Temp Cycle -55C/+125C, 1000 Cycles
MIL-STD-202 Method 107
Pass
7
Autoclave, 121C, RH 100%, 15 Psig, 96 hrs
JESD22-A102C
Pass
8
HTOL, 1000hrs, 105C at rated Voltage condition
MIL-STD-202 Method 108, Cond . D
Pass
9
Bend Test
JESD22-B113
Pass
10
Resistance to soldering heat, 3x reflow, 260C peak
JESD22-B102
Pass
11
Drop Test
JESD22-B111
Pass
12
Adhesion Strength
Push Test>10 lb
Pass



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com