Electronic Components Datasheet Search
  English  ▼

X  

CMA-252LN Datasheet(PDF) 4 Page - Mini-Circuits

Part # CMA-252LN
Description  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-252LN Datasheet(HTML) 4 Page - Mini-Circuits

  CMA-252LN Datasheet HTML 1Page - Mini-Circuits CMA-252LN Datasheet HTML 2Page - Mini-Circuits CMA-252LN Datasheet HTML 3Page - Mini-Circuits CMA-252LN Datasheet HTML 4Page - Mini-Circuits CMA-252LN Datasheet HTML 5Page - Mini-Circuits CMA-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 4 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
CMA-252LN+
Fig 1. Application and Characterization circuit
Note: This block diagram is used for characterization. (DUT soldered on Mini-Circuits Characterization test board TB-759+)
Gain, Return loss, Output power at 1dB compression (P1 dB) , output IP3 (OIP3) and noise figure measured using Agilent’s N5242A
PNA-X microwave network analyzer.
Conditions:
1. Gain and Return loss: Pin= -25dBm
2. Output IP3 (OIP3): Two tones, spaced 2.5 MHz apart, 2 dBm/tone at output.
Recommended Application and Characterization Test Circuit
Rbias
4,5,7, paddle
TB-759+
3
2
1
6
8
Product Marking
MCL
CMA-
252LN+
DC YYWW
ceramic body
model
Typical Device Current vs Rbias (at R1=825 ohms)
20
30
40
50
60
70
80
90
0
200
400
600
800
1000
1200
1400
Rbias (Ohms)
Vs=4V
Vs=3V
Suggested PCB Layout (PL-405)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com