Electronic Components Datasheet Search
  English  ▼

X  

AD8284 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8284
Description  Radar Receive Path AFE - 4-Channel Mux
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8284 Datasheet HTML 12Page - Analog Devices AD8284 Datasheet HTML 13Page - Analog Devices AD8284 Datasheet HTML 14Page - Analog Devices AD8284 Datasheet HTML 15Page - Analog Devices AD8284 Datasheet HTML 16Page - Analog Devices AD8284 Datasheet HTML 17Page - Analog Devices AD8284 Datasheet HTML 18Page - Analog Devices AD8284 Datasheet HTML 19Page - Analog Devices AD8284 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8284
Data Sheet
Rev. D | Page 16 of 28
CLOCK DUTY CYCLE CONSIDERATIONS
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD8284 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD8284.
When the DCS is on, noise and distortion performance are
nearly flat for a wide range of duty cycles. However, some appli-
cations may require the DCS function to be off. If so, note that
the dynamic range performance can be affected when operating in
this mode. See Table 10 for more details on using this feature.
The duty cycle stabilizer uses a delay locked loop (DLL) to
create the nonsampling edge. As a result, any changes to the
sampling frequency require approximately eight clock cycles
to allow the DLL to acquire and lock to the new rate.
CLOCK JITTER CONSIDERATIONS
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency (fA)
due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 × log 10[1/2 × π × fA × tJ]
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter. IF undersampling applications
are particularly sensitive to jitter.
In cases where aperture jitter may affect the dynamic range of the
AD8284, treat the clock input as an analog signal. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock
sources, such as the Valpey Fisher VFAC3 series. If the clock is
generated from another type of source by using the sequential
steps of gating, dividing, or other methods, it should be retimed
by the original clock during the last step in that sequence.
See the AN-501 Application Note and the AN-756 Application
Note for more information about how jitter performance relates
to ADCs.
SDI AND SDO PINS
The SDI and SDO pins are required to operate the SPI. The SDI pin
has an internal 30 kΩ pull-down resistor that pulls this pin low and
is 1.8 V and 3.3 V tolerant. The SDO output pin is 3.3 V logic.
SCLK PIN
The SCLK pin is required to operate the SPI. It has an internal
30 kΩ pull-down resistor that pulls this pin low and is both 1.8 V
and 3.3 V tolerant.
CS PIN
The CS pin is required to operate the SPI. It has an internal 70 kΩ
pull-up resistor that pulls this pin high and is both 1.8 V and
3.3 V tolerant.
RBIAS PIN
To set the internal core bias current of the ADC, place a resistor
nominally equal to 10.0 kΩ to ground at the RBIAS pin. Using a
resistor other than the recommended 10.0 kΩ resistor for RBIAS
degrades the performance of the device. Therefore, it is imperative
that at least a 1.0% tolerance on this resistor be used to achieve
consistent performance.
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD8284. This is gained up internally by a factor of 2, setting
VREF to 1.0 V, which results in a full-scale differential input span
of 2.0 V p-p for the ADC. VREF is set internally by default, but
the VREF pin can be driven externally with a 1.0 V reference to
achieve more accuracy. However, the AD8284 is not specified
for ADC full-scale ranges below 2.0 V p-p.
When applying decoupling capacitors to the VREF pin, use
ceramic, low ESR capacitors. Place these capacitors close to the
reference pin and on the same layer of the PCB as the AD8284.
The VREF pin should have both a 0.1 μF capacitor and a 1 μF
capacitor connected in parallel to the analog ground. These
capacitor values are recommended for the ADC to properly
settle and acquire the next valid sample.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD8284, it is recommended
that two separate 1.8 V supplies and two separate 3.3 V supplies
be used: one supply each for analog 1.8 V (AVDD18x), digital
1.8 V (DVDD18x), analog 3.3 V (AVDD33x), and digital 3.3 V
(DVDD33x). If only one supply is available for both analog and
digital, for example, AVDD18x and DVDD18x, route the supply
to AVDD18x first and then tap the supply off and isolate it with
a ferrite bead or a filter choke preceded by decoupling
capacitors for the DVDD18x. The same method is used for the
analog and digital 3.3 V supplies. Use several decoupling
capacitors on all supplies to cover both high and low
frequencies. Locate these capacitors close to the point of entry
at the printed circuit board (PCB) level and close to the AD8284
using minimal trace lengths.
The 12 power supply pins are separated into four power supply
domains, AVDD18, AVDD33, DVDD18, and DVDD33. Each
pin within a domain must be powered simultaneously, but each
domain can be turned on independently of the other domains.
A single PCB ground plane should be sufficient when using the
AD8284. With proper decoupling and smart partitioning of the
analog, digital, and clock sections of the PCB, optimum perfor-
mance can be easily achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com