Electronic Components Datasheet Search
  English  ▼

X  

AD8284 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8284
Description  Radar Receive Path AFE - 4-Channel Mux
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8284 Datasheet HTML 16Page - Analog Devices AD8284 Datasheet HTML 17Page - Analog Devices AD8284 Datasheet HTML 18Page - Analog Devices AD8284 Datasheet HTML 19Page - Analog Devices AD8284 Datasheet HTML 20Page - Analog Devices AD8284 Datasheet HTML 21Page - Analog Devices AD8284 Datasheet HTML 22Page - Analog Devices AD8284 Datasheet HTML 23Page - Analog Devices AD8284 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8284
Data Sheet
Rev. D | Page 20 of 28
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map table has eight address locations.
The memory map is roughly divided into three sections: the
chip configuration registers map (Address 0x00 and Address 0x01),
the device index and transfer registers map (Address 0x04 to
Address 0xFF), and the ADC channel functions registers map
(Address 0x08 to Address 0x2C).
The leftmost column of the memory map indicates the register
address number, and the default value is shown in the second
rightmost column.
The Bit 7 (MSB) column is the start of the default hexadecimal
value that is given. For example, Address 0x09, the GLOBAL_
CLOCK register, has a default value of 0x01, meaning that Bit 7 = 0,
Bit 6 = 0, Bit 5 = 0, Bit 4 = 0, Bit 3 = 0, Bit 2 = 0, Bit 1 = 0, and
Bit 0 = 1, or 0000 0001 in binary. This setting is the default for
the duty cycle stabilizer in the on condition. By writing a 0 to
Bit 0 of this address followed by writing 0x01 to the SW transfer
bit in Register 0xFF, the duty cycle stabilizer is turned off. It is
important to follow each writing sequence with a write to the
SW transfer bit to update the SPI registers.
Caution
All registers except for Register 0x00 and Register 0xFF are
buffered with a master slave latch and require writing to the
transfer bit. For more information about this and other
functions, see the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI.
LOGIC LEVELS
An explanation of various registers follows: “bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly, “bit is cleared” is synonymous with “bit is set
to Logic 0” or “writing Logic 0 for the bit.
RESERVED LOCATIONS
Do not write to undefined memory except when writing the
default values suggested in this data sheet. Addresses that have
values marked as 0 should be considered reserved and have a 0
written into their registers during power-up.
DEFAULT VALUES
After a reset, critical registers are automatically loaded with
default values. These values are indicated in Table 10, where an
X refers to an undefined feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com