Electronic Components Datasheet Search
  English  ▼

X  

ADG5248F Datasheet(PDF) 11 Page - Analog Devices

Part # ADG5248F
Description  User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5248F Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG5248F Datasheet HTML 7Page - Analog Devices ADG5248F Datasheet HTML 8Page - Analog Devices ADG5248F Datasheet HTML 9Page - Analog Devices ADG5248F Datasheet HTML 10Page - Analog Devices ADG5248F Datasheet HTML 11Page - Analog Devices ADG5248F Datasheet HTML 12Page - Analog Devices ADG5248F Datasheet HTML 13Page - Analog Devices ADG5248F Datasheet HTML 14Page - Analog Devices ADG5248F Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
ADG5248F/ADG5249F
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
Charge Injection, QINJ
−1.2
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF, see Figure 49
Off Isolation
−75
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 39,
worst case channel
Channel-to-Channel Crosstalk
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
Adjacent Channels
−75
dB typ
Nonadjacent Channels
−88
dB typ
Total Harmonic Distortion Plus Noise,
THD + N
0.007
% typ
RL = 10 kΩ, VS = 18 V p-p, f = 20 Hz to 20 kHz,
see Figure 37
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see Figure 40
ADG5248F
200
MHz typ
ADG5249F
320
MHz typ
Insertion Loss
10.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 40
CS (Off)
4
pF typ
VS = 18 V, f = 1 MHz
CD (Off)
VS = 18 V, f = 1 MHz
ADG5248F
13
pF typ
ADG5249F
7
pF typ
CD (On), CS (On)
VS = 18 V, f = 1 MHz
ADG5248F
18
pF typ
ADG5249F
12
pF typ
POWER REQUIREMENTS
VDD = 39.6 V; VSS = 0 V; digital inputs = 0 V, 5 V, or VDD
Normal Mode
IDD
1.15
mA typ
IPOSFV
0.15
mA typ
IDD + IPOSFV
2
2
mA max
IGND
0.75
mA typ
1.4
1.4
mA max
ISS
0.3
mA typ
INEGFV
0.2
mA typ
ISS + INEGFV
0.65
0.7
mA max
Fault Mode
VS = +55 V, −40 V
IDD
1.4
mA typ
IPOSFV
0.2
mA typ
IDD + IPOSFV
2.2
2.3
mA max
IGND
0.9
mA typ
1.6
1.7
mA max
ISS
0.45
mA typ
INEGFV
0.2
mA typ
ISS + INEGFV
1.0
1.1
mA max
VDD
8
V min
GND = 0 V
44
V max
GND = 0 V
1
Guaranteed by design; not subject to production test.
Rev. 0 | Page 11 of 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com