Electronic Components Datasheet Search
  English  ▼

X  

ADG5248F Datasheet(PDF) 32 Page - Analog Devices

Part # ADG5248F
Description  User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5248F Datasheet(HTML) 32 Page - Analog Devices

Back Button ADG5248F Datasheet HTML 25Page - Analog Devices ADG5248F Datasheet HTML 26Page - Analog Devices ADG5248F Datasheet HTML 27Page - Analog Devices ADG5248F Datasheet HTML 28Page - Analog Devices ADG5248F Datasheet HTML 29Page - Analog Devices ADG5248F Datasheet HTML 30Page - Analog Devices ADG5248F Datasheet HTML 31Page - Analog Devices ADG5248F Datasheet HTML 32Page - Analog Devices ADG5248F Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
ADG5248F/ADG5249F
Data Sheet
The specific fault digital output, SF, decodes which inputs are
experiencing a fault condition. The SF pin reduces to below
0.8 V when a fault condition is detected on a specific pin,
depending on the state of the F0, F1, and F2 pins (see Table 9
and Table 12). The specific fault feature also works with the
switches disabled (EN pin low), which allows the user to cycle
through and check the fault conditions without connecting the
fault to the drain output.
LARGE VOLTAGE, HIGH FREQUENCY SIGNALS
Figure 31 illustrates the voltage range and frequencies that the
ADG5248F/ADG5249F can reliably convey. For signals that
extend across the full signal range from VSS to VDD, keep the
frequency below 1 MHz. If the required frequency is greater
than 1 MHz, decrease the signal range appropriately to ensure
signal integrity.
Rev. 0 | Page 32 of 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com