Electronic Components Datasheet Search
  English  ▼

X  

ADG5248F Datasheet(PDF) 29 Page - Analog Devices

Part # ADG5248F
Description  User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5248F Datasheet(HTML) 29 Page - Analog Devices

Back Button ADG5248F Datasheet HTML 25Page - Analog Devices ADG5248F Datasheet HTML 26Page - Analog Devices ADG5248F Datasheet HTML 27Page - Analog Devices ADG5248F Datasheet HTML 28Page - Analog Devices ADG5248F Datasheet HTML 29Page - Analog Devices ADG5248F Datasheet HTML 30Page - Analog Devices ADG5248F Datasheet HTML 31Page - Analog Devices ADG5248F Datasheet HTML 32Page - Analog Devices ADG5248F Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
ADG5248F/ADG5249F
THEORY OF OPERATION
SWITCH ARCHITECTURE
Each channel of the ADG5248F/ADG5249F consists of a parallel
pair of N-channel DMOS (NDMOS) and P-channel DMOS
(PDMOS) transistors. This construction provides excellent
performance across the signal range. The
ADG5248F/ADG5249F channels operate as standard switches
when input signals with a voltage between POSFV and NEGFV
are applied. For example, the on resistance is 250 Ω typically
and opening or closing the switch is controlled using the
appropriate address pins.
Additional internal circuitry enables the switch to detect
overvoltage inputs by comparing the voltage on a source pin
(Sx) with POSFV and NEGFV. A signal is considered
overvoltage if it exceeds these secondary supply voltages by the
voltage threshold, VT. The threshold voltage is typically 0.7 V, but
can range from 0.8 V at −40°C down to 0.6 V at +125°C. See
Figure 28 to see the change in VT with operating temperature.
The maximum voltage that can be applied to any source input is
+55 V or −55 V. When the device is powered using a single supply
of 25 V or greater, the maximum negative signal level is reduced. It
reduces from −55 V at VDD = +25 V to −40 V at VDD = +40 V to
remain within the 80 V maximum rating. Construction of the
process allows the channel to withstand 80 V across the switch
when it is opened. These overvoltage limits apply whether the
power supplies are present or not.
ESD
PROTECTION
Sx
D/Dx
Ax
POSFV
NEGFV
ESD
ESD
FAULT
DETECTOR
SWITCH
DRIVER
LOGIC
BLOCK
Figure 50. Switch Channel and Control Function
When an overvoltage condition is detected on a source pin (Sx),
the switch automatically opens regardless of the digital logic
state. The source pin becomes high impedance and ensures that
no current flows through the switch. If a source pin is selected
that is in fault, the drain pin is pulled to the supply that was
exceeded. For example, if the source voltage exceeds POSFV, the
drain output pulls to POSFV. If the source voltage exceeds NEGFV,
the drain output pulls to NEGFV. In Figure 29, the voltage on the
drain pin can be seen to follow the voltage on the source pin
until the switch turns off completely. The drain pin then pulls to
GND due to the 1 kΩ load resistor; otherwise, it pulls to the
POSFV supply. The maximum voltage on the drain is limited by
the internal ESD diodes, and the rate at which the output
voltage discharges is dependent on the load at the pin.
During overvoltage conditions, the leakage current into and out
of the source pins is limited to tens of microamperes. If the
source pin is unselected, only nanoamperes of leakage appear
on the drain pin. However, if the source is selected, the pin is
pulled to the supply rail. The device that pulls the drain pin to
the rail has an impedance of approximately 40 kΩ; thus, the D
or Dx pin current is limited to approximately 1 mA during a
shorted load condition. This internal impedance also determines
the minimum external load resistance required to ensure that
the drain pin is pulled to the desired voltage level during a fault.
When an overvoltage event occurs, the channels undisturbed by
the overvoltage input continue to operate normally without
additional crosstalk.
ESD Performance
The drain pins have ESD protection diodes to the secondary
supply rails and the voltage at these pins must not exceed the
secondary supply voltages, POSFV and NEGFV. The source
pins have specialized ESD protection that allows the signal voltage
to reach ±55 V regardless of supply voltage level. Exceeding
±55 V on any source input may damage the ESD protection
circuitry on the device. See Figure 50 for an overview of the
switch channel.
Trench Isolation
In the ADG5248F and ADG5249F, an insulating oxide layer
(trench) is placed between the NDMOS and the PDMOS
transistors of each switch. Parasitic junctions, which occur
between the transistors in junction isolated switches, are
eliminated, and the result is a switch that is latch-up immune
under all circumstances.
NDMOS
PDMOS
P-WELL
N-WELL
BURIED OXIDE LAYER
HANDLE WAFER
TRENCH
Figure 51. Trench Isolation
Rev. 0 | Page 29 of 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com