Electronic Components Datasheet Search
  English  ▼

X  

ADG5248F Datasheet(PDF) 19 Page - Analog Devices

Part # ADG5248F
Description  User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5248F Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG5248F Datasheet HTML 15Page - Analog Devices ADG5248F Datasheet HTML 16Page - Analog Devices ADG5248F Datasheet HTML 17Page - Analog Devices ADG5248F Datasheet HTML 18Page - Analog Devices ADG5248F Datasheet HTML 19Page - Analog Devices ADG5248F Datasheet HTML 20Page - Analog Devices ADG5248F Datasheet HTML 21Page - Analog Devices ADG5248F Datasheet HTML 22Page - Analog Devices ADG5248F Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
ADG5248F/ADG5249F
1400
1200
1000
800
600
400
200
0
0
36
32
28
24
20
16
12
8
4
VS, VD (V)
VDD = 36V
VSS = 0V
+125°C
+85°C
+25°C
–40°C
Figure 11. RON as a Function of VS, VD for Different Temperatures,
36 V Single Supply
2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VBIAS = ±10V
IS (OFF) + –
IS (OFF) – +
IS, ID (ON) + +
ID (OFF) + –
ID (OFF) – +
IS, ID (ON) – –
Figure 12. Leakage Current vs. Temperature, ±15 V Dual Supply
3
–3
–2
–1
0
1
2
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +20V
VSS = –20V
VBIAS = ±15V
IS (OFF) + –
IS (OFF) – +
IS, ID (ON) + +
ID (OFF) + –
ID (OFF) – +
IS, ID (ON) – –
Figure 13. Leakage Current vs. Temperature, ±20 V Dual Supply
1.5
–1.0
–0.5
0
0.5
1.0
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = 12V
VSS = 0V
VBIAS = 1V, 10V
IS (OFF) + –
IS (OFF) – +
IS, ID (ON) + +
ID (OFF) + –
ID (OFF) – +
IS, ID (ON) – –
Figure 14. Leakage Current vs. Temperature, 12 V Single Supply
3
–4
–3
–2
–1
0
1
2
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = 36V
VSS = 0V
VBIAS = 1V, 30V
IS (OFF) + –
IS (OFF) – +
IS, ID (ON) + +
ID (OFF) + –
ID (OFF) – +
IS, ID (ON) – –
Figure 15. Leakage Current vs. Temperature, 36 V Single Supply
6
0
1
2
3
4
5
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VS = –30V
VS = +30V
VS = –55V
VS = +55V
Figure 16. Overvoltage Leakage Current vs. Temperature, ±15 V Dual Supply
Rev. 0 | Page 19 of 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com