Electronic Components Datasheet Search
  English  ▼

X  

UCC28704 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28704
Description  High-Efficiency Off-Line CV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28704 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28704 Datasheet HTML 2Page - Texas Instruments UCC28704 Datasheet HTML 3Page - Texas Instruments UCC28704 Datasheet HTML 4Page - Texas Instruments UCC28704 Datasheet HTML 5Page - Texas Instruments UCC28704 Datasheet HTML 6Page - Texas Instruments UCC28704 Datasheet HTML 7Page - Texas Instruments UCC28704 Datasheet HTML 8Page - Texas Instruments UCC28704 Datasheet HTML 9Page - Texas Instruments UCC28704 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
UCC28704
SLUSCA8A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: UCC28704
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range, VVDD = 25 V, RNTC = open, –40°C ≤ TA ≤ 125°C, TJ = TA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
These frequency limits represent average levels. This device automatically varies the switching frequency to improve EMI performance.
(4)
Not tested in production.
DRV
IDRS
DRV source current
VDRV = 5 V, VVDD = 9 V
25
32
38
mA
RDRVLS
DRV low-side drive resistance
IDRV = 10 mA
6.5
12
Ω
VDRCL
DRV clamp voltage
VVDD = 35 V
9.5
10.6
13
V
RDRVSS
DRV pull-down in start state
165
205
250
k
Ω
TIMING
fSW(max)
Maximum switching frequency (3)
VVS = 3.7 V
78
85
94
kHz
fSW(min)
Minimum switching frequency
VVS = 4.6 V
0.88
1.03
1.18
kHz
tZTO
Zero-crossing timeout delay
1.7
2.39
3
µs
tCCUV_BLAN
K
Blanking delay time before CCUV
shutdown
VVS step from 3.5 V to 2.4 V to DRV
stop switching
90
120
150
ms
PROTECTION
KOVP
Over-voltage threshold ratio to VVSR
VOVP/VVSR
1.13
1.15
1.18
V/V
VCCUV
CCUV VO = 3.0 V
TJ = 25℃, auto restart after fault
2.41
2.48
2.55
V
VOCP
Over-current threshold
At CS input
1.35
1.51
1.6
V
IVSL(run)
VS line-sense run current
Current out of VS pin – increasing
190
220
265
µA
IVSL(stop)
VS line-sense stop current
Current out of VS pin – decreasing
70
80
100
µA
KVSL
VS line-sense ratio IVSL(run) /
IVSL(stop)
2.55
2.8
2.95
A/A
TJ(stop)
Thermal shut-down temperature (4)
Internal junction temperature
150
°C
CABLE COMPENSATION
VCVS(max)
Maximum compensation at VS
Change in VS regulating level at full-
load
180
220
260
mV
NTC INPUT
VNTCTH
NTC shut-down threshold
VDD UVLO cycle when below this
threshold
0.9
0.95
1
V
INTC
NTC pull-up current, out of pin
VNTC = 1.1 V
90
100
120
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com